Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2X014LXI159T Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY2X014LXI159T
Description  Low Jitter LVPECL Crystal Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2X014LXI159T Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY2X014LXI159T_12 Datasheet HTML 7Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 8Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 9Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 10Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 11Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 12Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 13Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 14Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY2X014
Document Number: 001-10179 Rev. *H
Page 11 of 15
Some product offerings are factory-programmed customer-specific devices with customized part numbers. The Possible
Configurations table shows the available device types, but not complete part numbers. Contact your local Cypress FAE or sales
representative for more information.
Ordering Code Definitions
Ordering Information
Part Number
Configuration
Package Description
Product Flow
Pb-free
CY2X014FLXCT
Field-programmable
6-pin ceramic LCC surface mount device (SMD)
- tape and reel
Commercial, 0 °C to 70 °C
CY2X014FLXIT
Field-programmable
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
CY2X014LXI106T [8]
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
CY2X014LXI122T [8]
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
CY2X014LXI125T [8]
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
CY2X014LXI132T [8]
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
CY2X014LXI153T [8]
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
CY2X014LXI155T [8]
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
CY2X014LXI156T [8]
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
CY2X014LXI159T [8]
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
CY2X014LXI212T [8]
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
CY2X014LXI311T [8]
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
CY2X014LXI312T [8]
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
CY2X014LXI622T [8]
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
Possible Configurations
Part Number [9]
Configuration
Package Description
Product Flow
CY2X014LXCxxxT
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Commercial, 0 °C to 70 °C
CY2X014LXIxxxT
Factory-configured
6-pin ceramic LCC SMD - tape and reel
Industrial, –40 °C to 85 °C
X = blank or T
blank = Tube; T = Tape and Reel
Custom part configuration code
Temperature Range: X = C or I
C = Commercial; I = Industrial
Pb-free
Package Type:
L = 6-pin LCC package
X = F or blank
F = Field programmable device; blank = Factory configured device
Base part number
Company ID: CY = Cypress
X
XXX
X-
L
X
CY 2X014
X
Notes
8. Device configuration details are described in the Standard and Application-Specific Factory Configurations on page 4.
9. “xxx” indicates factory programmed parts based on customer specific configuration. For more details, contact your local Cypress FAE or Sales Representative.


Similar Part No. - CY2X014LXI159T_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X014LXIxxxT CYPRESS-CY2X014LXIxxxT Datasheet
359Kb / 9P
   6-Pin Ceramic LCC SMD - Tape and Reel
More results

Similar Description - CY2X014LXI159T_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X014_V2 CYPRESS-CY2X014_V2 Datasheet
410Kb / 14P
   Low Jitter LVPECL Crystal Oscillator
CY2X014 CYPRESS-CY2X014 Datasheet
630Kb / 16P
   Low Jitter LVPECL Crystal Oscillator
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
logo
Micrel Semiconductor
DSC2020 MICREL-DSC2020 Datasheet
629Kb / 5P
   Low-Jitter Configurable LVPECL Oscillator
DSC1102 MICREL-DSC1102 Datasheet
599Kb / 7P
   Low-Jitter Precision LVPECL Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com