Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C54LP Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 4Page - Cypress Semiconductor CY8C54LP Datasheet HTML 5Page - Cypress Semiconductor CY8C54LP Datasheet HTML 6Page - Cypress Semiconductor CY8C54LP Datasheet HTML 7Page - Cypress Semiconductor CY8C54LP Datasheet HTML 8Page - Cypress Semiconductor CY8C54LP Datasheet HTML 9Page - Cypress Semiconductor CY8C54LP Datasheet HTML 10Page - Cypress Semiconductor CY8C54LP Datasheet HTML 11Page - Cypress Semiconductor CY8C54LP Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 8 of 117
Figure 2-5 and Figure 2-6 show an example schematic and an
example PCB layout, for the 100-pin TQFP part, for optimal
analog performance on a 2-layer board.
The two pins labeled VDDD must be connected together.
The two pins labeled VCCD must be connected together, with
capacitance added, as shown in Figure 2-5 and Power System
on page 25. The trace between the two VCCD pins should be
as short as possible.
The two pins labeled VSSD must be connected together.
For information on circuit board layout issues for mixed signals,
refer to the application note AN57821 - Mixed Signal Circuit
Board Layout Considerations for PSoC® 3 and PSoC 5.
Figure 2-5. Example Schematic for 100-Pin TQFP Part with Power Connections
Note
The two VCCD pins must be connected together with as short a trace as possible. A trace under the device is recommended,
as shown in Figure 2-6.
VSSB
10
IND
11
VBOOST
12
VBAT
13
VSSD
14
XRES
15
VCCA
63
VSSA
64
VDDA
65
VSSD
66
SIO, P12[2]
67
SIO, P12[3]
68
P4[0]
69
P4[1]
70
OA2OUT, P0[0]
71
OA0OUT, P0[1]
72
OA0+, SAR1REF, P0[2]
73
OA0-, REF0, P0[3]
74
VDDIO0
75
P5[0]
16
P5[1]
17
P5[2]
18
P5[3]
19
P1[0], SWDIO, TMS
20
P1[1], SWDCK, TCK
21
P1[2]
22
P1[3], SWV, TDO
23
P1[4], TDI
24
P1[5], NTRST
25
P6[7]
9
P2[5]
1
P2[6]
2
P2[7]
3
P12[4], SIO
4
P12[5], SIO
5
P6[4]
6
P6[5]
7
P6[6]
8
OA1OUT, P3[6]
51
OA3OUT, P3[7]
52
SIO, P12[0]
53
SIO, P12[1]
54
KHZXOUT, P15[2]
55
KHZXIN, P15[3]
56
NC
57
NC
58
NC
59
NC
60
NC
61
NC
62
VSSD
VDDA
VCCA
VSSD
VSSA
VSSA
VSSD
VSSD
VSSD
VSSD
0.1 UF
C8
VSSD
VDDD
VDDD
VDDD
VDDD
VDDD
VSSD
1 UF
C9
0.1 UF
C10
0.1 UF
C11
0.1 UF
C16
0.1 UF
C12
0.1 UF
C6
0.1 UF
C2
1 UF
C15
1 UF
C1
VSSD
VDDD
VSSD
VDDA
VSSD
VCCD
1 UF
C17
VSSA
VDDA


Similar Part No. - CY8C54LP

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
4Mb / 105P
   Programmable System-on-Chip (PSoC짰)
CY8C54 CYPRESS-CY8C54 Datasheet
3Mb / 105P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5466AXI-064 CYPRESS-CY8C5466AXI-064 Datasheet
4Mb / 105P
   Programmable System-on-Chip (PSoC짰)
CY8C5466AXI-064 CYPRESS-CY8C5466AXI-064 Datasheet
3Mb / 105P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
More results

Similar Description - CY8C54LP

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com