Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83194R-58 Datasheet(PDF) 18 Page - Winbond

Part # W83194R-58
Description  100 MHZ AGP CLOCK FOR VIA CHIPSET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194R-58 Datasheet(HTML) 18 Page - Winbond

Back Button W83194R-58 Datasheet HTML 11Page - Winbond W83194R-58 Datasheet HTML 12Page - Winbond W83194R-58 Datasheet HTML 13Page - Winbond W83194R-58 Datasheet HTML 14Page - Winbond W83194R-58 Datasheet HTML 15Page - Winbond W83194R-58 Datasheet HTML 16Page - Winbond W83194R-58 Datasheet HTML 17Page - Winbond W83194R-58 Datasheet HTML 18Page - Winbond W83194R-58 Datasheet HTML 19Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Preliminary W83194R-37/-58
- 18 -
13.0 ORDERING INFORMATION
PART NUMBER
PACKAGE TYPE
PRODUCTION FLOW
W83194R-37/-58
48-pin SSOP
Commercial, 0
° C to +70° C
14.0 HOW TO READ THE TOP MARKING
W83194R-37
28051234
814GBB
W83194R-58
28051234
814GBB
1st line: Winbond logo and the type number: W83194R-37/-58
2nd line: Tracking code 2 8051234
2: wafers manufactured in Winbond FAB 2
8051234: wafer production series lot number
3rd line: Tracking code 814 G B B
814: packages made in '98, week 14
G: assembly house ID; A means ASE, S means SPIL, G means GR
BB: IC revision
All the trade marks of products and companies mentioned in this data sheet belong to their
respective owners.


Similar Part No. - W83194R-58

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-58A WINBOND-W83194R-58A Datasheet
182Kb / 13P
   100MHZ AGP CLOCK FOR VIA CHIPSET
More results

Similar Description - W83194R-58

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-58A WINBOND-W83194R-58A Datasheet
182Kb / 13P
   100MHZ AGP CLOCK FOR VIA CHIPSET
W83194R-17 WINBOND-W83194R-17 Datasheet
272Kb / 21P
   100MHZ AGP CLOCK FOR SIS CHIPSET
logo
AAEON Technology
AES-6100B AAEON-AES-6100B Datasheet
2Mb / 2P
   VIA Eden??667MHz processor, VIA VT8606 chipset with integrated AGP 4X graphic accelerator
logo
Winbond
W83196S-14 WINBOND-W83196S-14 Datasheet
217Kb / 15P
   100 MHZ CLOCK FOR BX CHIPSET (2 CHIP)
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
logo
Cypress Semiconductor
CY2283 CYPRESS-CY2283 Datasheet
219Kb / 12P
   PentiumII, K6, 6x86 100-MHz Clock Synthesizer/Driver for Desktop PCs with ALI or VIA Chipsets, AGP and 3 DIMMs
logo
Axiomtek Co., Ltd.
SBC84710 AXIOMTEK-SBC84710 Datasheet
271Kb / 1P
   VIA CX700M chipset
logo
Cypress Semiconductor
CY28326 CYPRESS-CY28326 Datasheet
288Kb / 23P
   FTG for VIA PT880 Serial Chipset
logo
SpectraLinear Inc
CY28326 SPECTRALINEAR-CY28326 Datasheet
224Kb / 22P
   FTG for VIA PT880 Serial Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com