Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-006-1 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # DS-006-1
Description  RF Solutions 006 is a versatile handheld test meter checking Radio signal strength or interference in a given area.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

DS-006-1 Datasheet(HTML) 3 Page - rfsolutions.ltd

  DS-006-1 Datasheet HTML 1Page - rfsolutions.ltd DS-006-1 Datasheet HTML 2Page - rfsolutions.ltd DS-006-1 Datasheet HTML 3Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
006
006
006
006
Page 3
Whilst the information in this document is believed to be correct at the time of issue, RF Solutions Ltd does not accept any liability whatsoever for its accuracy, ade-
quacy or completeness. No express or implied warranty or representation is given relating to the information contained in this document. RF Solutions Ltd reserves the
right to make changes and improvements to the product(s) described herein without notice. Buyers and other users should determine for themselves the suitability of
any such information or products for their own particular requirements or speci cation(s). RF Solutions Ltd shall not be liable for any loss or damage caused as a result
of user’s own determination of how to deploy or use RF Solutions Ltd’s products. Use of RF Solutions Ltd products or components in life support and/or safety applica-
tions is not authorised except with express written approval. No licences are created, implicitly or otherwise, under any of RF Solutions Ltd’s intellectual property rights.
Liability for loss or damage resulting or caused by reliance on the information contained herein or from the use of the product (including liability resulting from negli-
gence or where RF Solutions Ltd was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict RF Solutions Ltd’s liability
for death or personal injury resulting from its negligence.
Technical Speci cation
Dimensions: 90 x 54 x 27mm
Antenna: 17.5cm (433.93MHz)
Min
Typical
Max
Units
Supply voltage
2.2
3
3.3
V
Frequency
315.00
MHz
433.92
MHz
868.95
MHz
915.00
MHz
Bandwidth
1
MHz
Max. RF Input
+20
dBm
RF Sensitivity
See
Sticker
Overlay
dBm
Operating Temperature
0
+50
o
C
Storage Temperature
-20
+60
o
C
RF Solutions Ltd. Recycling Notice
DO NOT
Discard with normal waste, please recycle.
Meets the following EC Directives:
ROHS Directive 2002/95/EC
Speci es certain limits for hazardous substances.
WEEE Directive 2002/96/EC
Waste electrical & electronic equipment. This product must be disposed of
through a licensed WEEE collection point. RF Solutions Ltd., ful lls its WEEE obliga-
tions by membership of an approved compliance scheme.
Waste Batteries and Accumulators
Directive 2006/66/EC
Where batteries are tted, before recycling the
product, the batteries must be
removed and disposed of at a licensed
collection point.
Environment Agency producer registration number:
WEE/JB0104WV.


Similar Part No. - DS-006-1

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DS-006 ADAM-TECH-DS-006 Datasheet
154Kb / 1P
   DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
More results

Similar Description - DS-006-1

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
480836 EXTECH-480836 Datasheet
712Kb / 16P
   RF EMF Strength Meter
480836 EXTECH-480836_15 Datasheet
111Kb / 1P
   RF EMF Strength Meter
logo
Vaisala
DM70 VAISALA-DM70 Datasheet
660Kb / 3P
   DM70 Handheld Dew Point Meter For spot-checking applications
logo
Keysight Technologies
V3500A KEYSIGHT-V3500A Datasheet
1Mb / 10P
   V3500A Handheld RF Power Meter
logo
Extech Instruments Corp...
480846 EXTECH-480846 Datasheet
173Kb / 1P
   8GHz RF EMF Strength Meter
logo
WALSIN TECHNOLOGY CORPO...
OP31B102K201CT WALSIN-OP31B102K201CT Datasheet
2Mb / 10P
   High voltage in a given case size
1808N100J202CT WALSIN-1808N100J202CT Datasheet
3Mb / 13P
   High voltage in a given case size
logo
ams AG
OR62 AMSCO-OR62 Datasheet
13Kb / 2P
   OR62 is a 6-input OR gate with 2x drive strength
logo
Extech Instruments Corp...
FM200 EXTECH-FM200 Datasheet
271Kb / 1P
   FM200 Handheld Formaldehyde (CH2O or HCHO) Meter
logo
WAGO Kontakttechnik Gmb...
787-980 WAGO-787-980 Datasheet
478Kb / 6P
   Radio interference suppression filter, 1-phase; Radio interference
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com