Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83194BR-KT Datasheet(PDF) 1 Page - Winbond

Part # W83194BR-KT
Description  STEP-LESS 3-DIMM K7 CLOCK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194BR-KT Datasheet(HTML) 1 Page - Winbond

  W83194BR-KT Datasheet HTML 1Page - Winbond W83194BR-KT Datasheet HTML 2Page - Winbond W83194BR-KT Datasheet HTML 3Page - Winbond W83194BR-KT Datasheet HTML 4Page - Winbond W83194BR-KT Datasheet HTML 5Page - Winbond W83194BR-KT Datasheet HTML 6Page - Winbond W83194BR-KT Datasheet HTML 7Page - Winbond W83194BR-KT Datasheet HTML 8Page - Winbond W83194BR-KT Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
W83194BR-KT
STEP-LESS 3-DIMM K7 CLOCK
Publication Release Date: June 2000
- 1 -
Revision 0.43
1.0 GENERAL DESCRIPTION
The W83194BR-KT is a Clock Synthesizer which provides all clocks required for AMD K7.
W83194BR-KT provides 64 CPU/PCI frequencies which are selectable with smooth transitions by
hardware or software. W83194BR-KT also provides 13 SDRAM clocks controlled by the none-delay
buffer_in pin.
The W83194BR-KT provides step-less frequency programming by controlling the VCO freq. and the
programmable PCI clock output divisor ratio. A watchdog timer is quipped and when time out, the
RESET# pin will output 4ms pulse signal.
The W83194BR-KT accepts a 14.318 MHz reference crystal as its input. Spread spectrum built in at
±0.5% or ±0.25% to reduce EMI.
Programmable stopping individual clock outputs and frequency
selection through I
2C interface. The device meets the Pentium power-up stabilization, which requires
CPU and PCI clocks be stable within 2 ms after power-up. Using dual function pin for the slots (ISA,
PCI, CPU, DIMM) is not recommend.
2.0 PRODUCT FEATURES
• Supports AMD CPU with I2C.
• 3 CPU clocks (one free-running chipset clock controlled by I2C)
• 13 SDRAM clocks for 3 DIMMs
• 6 PCI synchronous clocks
• Optional single or mixed supply:
(Vddq2 =2.5V, Vddq3 =3.3V)
• < 250ps skew among CPU and SDRAM clocks
• < 250ps skew among PCI clocks
• < 5ns propagation delay SDRAM from buffer input
Skew from CPU (earlier) to PCI clock 1 to 4ns, center 2.6ns.
Smooth frequency switch with selections from 66 MHz to 200 MHz CPU
Step-less frequency programming by controlling the VCO freq. and the clock output divisor ratio
I
2C 2-Wire serial interface and I2C read back
• ±0.25% or ±0.5% spread spectrum function to reduce EMI
• Programmable spread spectrum in the M/N step-less mode
• Programmable registers to enable/stop each output and select modes
• MODE pin for power Management and RESET# out when Watch Dog Timer time out
• One 48 MHz for USB & one 24 MHz for super I/O
• 48-pin SSOP package


Similar Part No. - W83194BR-KT

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-KX WINBOND-W83194BR-KX Datasheet
170Kb / 12P
   STEP-LESS 3-DIMM K7 CLOCK
More results

Similar Description - W83194BR-KT

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-KX WINBOND-W83194BR-KX Datasheet
170Kb / 12P
   STEP-LESS 3-DIMM K7 CLOCK
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
W83194R-39 WINBOND-W83194R-39 Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
logo
Integrated Circuit Syst...
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
   AMD - K7 System Clock Chip
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
   AMD - K7??System Clock Chip
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
   AMD-K7 System Clock Chip
logo
Winbond
W83193R-02 WINBOND-W83193R-02 Datasheet
244Kb / 18P
   83.3 MHZ 3-DIMM CLOCK
logo
Integrated Circuit Syst...
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
   AMD - K7??System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com