Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-C2O-3 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # DS-C2O-3
Description  Easy to Configure using SMS commands.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

DS-C2O-3 Datasheet(HTML) 3 Page - rfsolutions.ltd

  DS-C2O-3 Datasheet HTML 1Page - rfsolutions.ltd DS-C2O-3 Datasheet HTML 2Page - rfsolutions.ltd DS-C2O-3 Datasheet HTML 3Page - rfsolutions.ltd DS-C2O-3 Datasheet HTML 4Page - rfsolutions.ltd DS-C2O-3 Datasheet HTML 5Page - rfsolutions.ltd DS-C2O-3 Datasheet HTML 6Page - rfsolutions.ltd DS-C2O-3 Datasheet HTML 7Page - rfsolutions.ltd DS-C2O-3 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS-C2O-3
Onboard LED’s Indication / Signal Strength
Onboard LED’s Indication / Signal Strength
Onboard LED’s Indication / Signal Strength
Onboard LED’s Indication / Signal Strength
There are four LEDs on the circuit board. The Green LED indicates power is applied
The three Red LEDs indicate the status of C2O as below
Changeover Contact Outputs
Changeover Contact Outputs
Changeover Contact Outputs
Changeover Contact Outputs
Two relay outputs are provided on C2O and C2O-DIN, which provide a ‘switch’ output as below.
Power Connections
Power Connections
Power Connections
Power Connections
The C2O unit can be powered from 12 or 24Vdc, a mains power supply is also available. Power
is connected via the Power Screw Terminal.
During Initialisation After Power UP
During Initialisation After Power UP
During Initialisation After Power UP
During Initialisation After Power UP
RED LED Action
RED LED Action
RED LED Action
RED LED Action
Description
Description
Description
Description
LED’s illuminate alternately
Power-up initialisation (can take many seconds)
All LED’s flash together
No network found
Normal Operation
Normal Operation
Normal Operation
Normal Operation
RED LED Action
RED LED Action
RED LED Action
RED LED Action
Description
Description
Description
Description
No LEDs
No signal
One LED on Steady
Low signal strength
Two LEDs on Steady
Medium signal strength
Three LEDs on Steady
High signal strength
When Transmitting or Receiving a TEXT
When Transmitting or Receiving a TEXT
When Transmitting or Receiving a TEXT
When Transmitting or Receiving a TEXT
RED LED Action
RED LED Action
RED LED Action
RED LED Action
Description
Description
Description
Description
One LED Flashing
SMS being Received
TWO LED’s Flashing
SMS being Transmitted
Relay Connections when
NOT Operating
Relay Connections when
OPERATING


Similar Part No. - DS-C2O-3

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS--DSS-313 MA-COM-DS--DSS-313 Datasheet
73Kb / 3P
   Two-Way Power Divider
logo
All Sensors Corporation
DS-0009 ASC-DS-0009 Datasheet
140Kb / 5P
   DIGITAL OUTPUT PRESSURE SENSORS
logo
Adam Technologies, Inc.
DS-001 ADAM-TECH-DS-001 Datasheet
154Kb / 1P
   DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
logo
All Sensors Corporation
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
   Enhanced Digital Output Sensors: Industrial temperature range
DS-0011 ASC-DS-0011 Datasheet
196Kb / 4P
   Enhanced Digital Output Sensors: Extended temperature range
More results

Similar Description - DS-C2O-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1403EVSYSTEM MAXIM-MAX1403EVSYSTEM Datasheet
1Mb / 20P
   Easy to Configure
Rev 0; 5/99
logo
Lumileds Lighting Compa...
L2M0-4070004MC2200 LUMILEDS-L2M0-4070004MC2200 Datasheet
1Mb / 14P
   Bright, uniform light source in practical, convenient and easy to configure modules
PB158 LUMILEDS-PB158 Datasheet
1Mb / 2P
   Bright, uniform light source in practical, convenient and easy to configure modules
DS158 LUMILEDS-DS158 Datasheet
1Mb / 14P
   Bright, uniform light source in practical, convenient and easy to configure modules
logo
RF Monolithics, Inc
ZMN2405DK RFM-ZMN2405DK Datasheet
250Kb / 1P
   Simple to set-up and configure
logo
Silicon Laboratories
AN746 SILABS-AN746 Datasheet
1Mb / 30P
   How to configure the Si4012
logo
RF Monolithics, Inc
ZMN24HPDK-B RFM-ZMN24HPDK-B Datasheet
222Kb / 1P
   Simple to set-up and configure
logo
rfsolutions.ltd
RF803-ALPHA RFSOLUTIONS-RF803-ALPHA Datasheet
876Kb / 16P
   EASY TO USE TELEMETRY SYSTEM USING ALPHA MODULES
logo
STMicroelectronics
AN2669 STMICROELECTRONICS-AN2669 Datasheet
103Kb / 8P
   How to configure the STM8A microcontroller clocks
logo
List of Unclassifed Man...
BLK-MD-BC04-B ETC1-BLK-MD-BC04-B Datasheet
341Kb / 21P
   BLUETOOTH MODULE AT COMMANDS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com