Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83178S Datasheet(PDF) 6 Page - Winbond

Part # W83178S
Description  100 MHZ 3-DIMM SDRAM BUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83178S Datasheet(HTML) 6 Page - Winbond

  W83178S Datasheet HTML 1Page - Winbond W83178S Datasheet HTML 2Page - Winbond W83178S Datasheet HTML 3Page - Winbond W83178S Datasheet HTML 4Page - Winbond W83178S Datasheet HTML 5Page - Winbond W83178S Datasheet HTML 6Page - Winbond W83178S Datasheet HTML 7Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary W83178S
- 6 -
8. ORDERING INFORMATION
PART NUMBER
PACKAGE TYPE
PRODUCTION FLOW
W83178S
28-pin SOP
Commercial, 0
° C to +70° C
9. HOW TO READ THE TOP MARKING
W83178S
28051234
814GBB
1st line: Winbond logo and the type number: W83178S
2nd line: Tracking code 2 8051234
2: wafers manufactured in Winbond FAB 2
8051234: wafer production series lot number
3rd line: Tracking code 814 G B B
814: packages made in '98, week 14
G: assembly house ID; A means ASE, S means SPIL, G means GR
BB: IC revision
All the trade marks of products and companies mentioned in this data sheet belong to their respective
owners.


Similar Part No. - W83178S

ManufacturerPart #DatasheetDescription
logo
Winbond
W83176G-400 WINBOND-W83176G-400 Datasheet
265Kb / 12P
   Winbond Current Mode Differential Buffer for PCI Express and SATA
W83176G-401 WINBOND-W83176G-401 Datasheet
264Kb / 14P
   Winbond Current Mode Differential Buffer for PCI Express and SATA
W83176G-732 WINBOND-W83176G-732 Datasheet
402Kb / 12P
   2 DIMM DDR ZERO DELAY buffer for Sis chipset
W83176G-733 WINBOND-W83176G-733 Datasheet
287Kb / 14P
   Winbond Dual Bank DDR BUFFER For VIA CHIPSET
W83176G-735 WINBOND-W83176G-735 Datasheet
245Kb / 13P
   DIMM DDR ZERO DELAY BUFFER
More results

Similar Description - W83178S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S01-04 CYPRESS-W40S01-04 Datasheet
134Kb / 10P
   SDRAM Buffer - 4 DIMM
logo
SpectraLinear Inc
W40S11-02 SPECTRALINEAR-W40S11-02 Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
logo
Cypress Semiconductor
W40S11-02 CYPRESS-W40S11-02 Datasheet
167Kb / 11P
   SDRAM Buffer - 2 DIMM (Mobile)
logo
Integrated Circuit Syst...
ICS9179-12 ICST-ICS9179-12 Datasheet
277Kb / 9P
   3 DIMM Buffer
logo
Renesas Technology Corp
ICS9179-12 RENESAS-ICS9179-12 Datasheet
235Kb / 10P
   3 DIMM Buffer
2019
logo
Elpida Memory
HB52E648EN-A6B ELPIDA-HB52E648EN-A6B Datasheet
215Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 100 MHz Memory Bus
logo
Winbond
W83L177R WINBOND-W83L177R Datasheet
108Kb / 9P
   100MHZ 2-DIMM SDRAM BUFFER FOR NOTEBOOK
logo
Samsung semiconductor
DS_M390S2858CT1 SAMSUNG-DS_M390S2858CT1 Datasheet
239Kb / 12P
    SDRAM DIMM
logo
Elpida Memory
HB52F648EN-75B ELPIDA-HB52F648EN-75B Datasheet
200Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 133 MHz Memory Bus PC133 SDRAM
logo
Winbond
W83193R-02 WINBOND-W83193R-02 Datasheet
244Kb / 18P
   83.3 MHZ 3-DIMM CLOCK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com