Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS84250RKGT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS84250RKGT
Description  7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84250RKGT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS84250RKGT Datasheet HTML 5Page - Texas Instruments TPS84250RKGT Datasheet HTML 6Page - Texas Instruments TPS84250RKGT Datasheet HTML 7Page - Texas Instruments TPS84250RKGT Datasheet HTML 8Page - Texas Instruments TPS84250RKGT Datasheet HTML 9Page - Texas Instruments TPS84250RKGT Datasheet HTML 10Page - Texas Instruments TPS84250RKGT Datasheet HTML 11Page - Texas Instruments TPS84250RKGT Datasheet HTML 12Page - Texas Instruments TPS84250RKGT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
2
2.5
Output Current (A)
VOUT = 15 V,fSW = 1 MHz
VOUT = 12 V,fSW = 800 kHz
VOUT = 5.0 V,fSW = 500 kHz
VOUT = 3.3 V,fSW = 400 kHz
VOUT = 2.5 V,fSW = 400 kHz
G000
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
Output Current (A)
VO = 5 V
VO = 12 V
VO = 15 V
Natural Convection
G000
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
Output Current (A)
VOUT = 15 V,fSW = 1 MHz
VOUT = 12 V,fSW = 800 kHz
VOUT = 5.0 V,fSW = 500 kHz
VOUT = 3.3 V,fSW = 400 kHz
VOUT = 2.5 V,fSW = 400 kHz
G000
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
Output Current (A)
VOUT = 15 V,fSW = 1 MHz
VOUT = 12 V,fSW = 800 kHz
VOUT = 5.0 V,fSW = 500 kHz
VOUT = 3.3 V,fSW = 400 kHz
VOUT = 2.5 V,fSW = 400 kHz
G000
TPS84250
www.ti.com
SLVSAR6 – AUGUST 2012
TYPICAL CHARACTERISTICS (VIN = 36 V) (1) (2) (3)
Figure 13. Efficiency vs. Output Current
Figure 14. Voltage Ripple vs. Output Current
Figure 15. Power Dissipation vs. Output Current
Figure 16. Safe Operating Area
Figure 17. VOUT= 5 V, IOUT= 2 A, COUT1= 44 µF ceramic,
Figure 18. VOUT= 12 V, IOUT= 2 A, COUT1= 44 µF ceramic,
COUT2= 56 µF electrolytic, fSW= 500 kHz
COUT2= 56 µF electrolytic, fSW= 800 kHz
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 13, Figure 14, and Figure 15.
(2)
At light load the output voltage ripple may increase due to pulse skipping. See Light-Load Behavior for more information. Applies to
Figure 14.
(3)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm double-sided PCB with 1 oz. copper.
Applies to Figure 16.
Copyright © 2012, Texas Instruments Incorporated
9


Similar Part No. - TPS84250RKGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84250RKGT TI1-TPS84250RKGT Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
More results

Similar Description - TPS84250RKGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84250 TI1-TPS84250 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
[Old version datasheet]   2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com