Electronic Components Datasheet Search |
|
1114854 Datasheet(PDF) 44 Page - Tyco Electronics |
|
1114854 Datasheet(HTML) 44 Page - Tyco Electronics |
44 / 85 page TTP Continuous polyester for decals 44 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Performance Labels The system is designed for applications that require a high- durability label with all the features of a “silk-screened” label, only without the cost, time and inflexibility involved in obtaining a silk-screened product. The product utilizes high performance polyester with permanent acrylic adhesive. It is thermal transfer printable with all the capabilities of graphics, barcodes, logos and several fonts. The product is available in several colors although white, clear and metalized silver are available as standard. Typical applications include panel labels, fascias, decalcomanias and asset identification and rating plates. Typical industry use includes aerospace, defense, electronics and infrastructure. Features and benefits I Efficient solution for expensive silk-screen printing I Available in continuous format I Several widths and colors available I Interior and exterior aircraft use including flight entertainment and deck instrumentation I Thermal transfer printable I Printable in any combination of material and ribbon colors Temperature rating Operating temperature range Clear, White -40°C to +150°C -40°F to +302°F Metalized, and colors Specifications/approvals Tyco Electronics TTDS- 031 Military A-A-59485 (accelerated weather resistance and salt spray) Industry GAT 100BB UL 17292 Group PGJI2 (polywhite) Printer information Tyco Electronics printer T312S (thermal transfer) Tyco Electronics ribbon 1330-0607-10 (thermal transfer) TTP 200 CL-10 Part numbering system Length Color Label width (inches) Product name |
Similar Part No. - 1114854 |
|
Similar Description - 1114854 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |