Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS84250_1212 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS84250_1212
Description  7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84250_1212 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS84250_1212 Datasheet HTML 11Page - Texas Instruments TPS84250_1212 Datasheet HTML 12Page - Texas Instruments TPS84250_1212 Datasheet HTML 13Page - Texas Instruments TPS84250_1212 Datasheet HTML 14Page - Texas Instruments TPS84250_1212 Datasheet HTML 15Page - Texas Instruments TPS84250_1212 Datasheet HTML 16Page - Texas Instruments TPS84250_1212 Datasheet HTML 17Page - Texas Instruments TPS84250_1212 Datasheet HTML 18Page - Texas Instruments TPS84250_1212 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
TPS84250
www.ti.com
SLVSAR6 – AUGUST 2012
Switching Frequency
Nominal switching frequency of the TPS84250 is set from the factory at 400 kHz. This switching frequency is
optimum for output voltages below 5.0 V. For output voltages 5.0V and above, better operating performance can
be obtained raising the operating frequency. This is easily done by adding a resistor, RRT in , from the RT/CLK
pin (Pin 31) to the AGND pin (Pin 30). Raising the operating frequency reduces output voltage ripple, lowers the
load current threshold where pulse skipping begins, and improves transient response.
The recommended switching frequency for all output voltages is listed in Table 3.
For the maximum recommended output voltage value of 15 V, the switching frequency computes to 1000 kHz or
1 MHz. Operation above 1 MHz is not recommended. Use Table 5 below to select the value of the timing resistor
for the given values of switching frequencies.
Table 5. Standard Resistor Values to set the Switching Frequency
fSW (kHz)
400
500
600
700
800
900
1000
RRT(kΩ)
OPEN
1100
549
365
267
215
178
It is also possible to synchronize the switching frequency to an external clock signal. See the Synchronization
(CLK) section for further details.
While it is possible to set the operating frequency higher than 400 kHz when using the device at output voltages
of 5 V or less, minimum duty cycle and pulse skipping issues restrict the maximum recommended input voltage
under these conditions. The recommended operating conditions for the TPS84250 can be summarized by
Figure 27. The graph shows the maximum input voltage vs. output voltage restriction for several operating
frequencies. The lower boundary of the graph shows the minimum input voltage as a function of the output
voltage.
Figure 27. Optimum Operating Range with Switching Frequency
Copyright © 2012, Texas Instruments Incorporated
15


Similar Part No. - TPS84250_1212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84250EVM-001 TI1-TPS84250EVM-001 Datasheet
606Kb / 19P
[Old version datasheet]   TPS84250EVM-001 2.5-A, Integrated Power Solution
TPS84250RKG TI1-TPS84250RKG Datasheet
606Kb / 19P
[Old version datasheet]   TPS84250EVM-001 2.5-A, Integrated Power Solution
TPS84250RKGR TI1-TPS84250RKGR Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84250RKGT TI1-TPS84250RKGT Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
More results

Similar Description - TPS84250_1212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84250 TI1-TPS84250 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
[Old version datasheet]   2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com