Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54360 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54360
Description  60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54360 Datasheet(HTML) 2 Page - Texas Instruments

  TPS54360 Datasheet HTML 1Page - Texas Instruments TPS54360 Datasheet HTML 2Page - Texas Instruments TPS54360 Datasheet HTML 3Page - Texas Instruments TPS54360 Datasheet HTML 4Page - Texas Instruments TPS54360 Datasheet HTML 5Page - Texas Instruments TPS54360 Datasheet HTML 6Page - Texas Instruments TPS54360 Datasheet HTML 7Page - Texas Instruments TPS54360 Datasheet HTML 8Page - Texas Instruments TPS54360 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
GND
7
COMP
6
FB
5
SW
8
2
3
4
1
VIN
EN
RT/CLK
BOOT
Thermal
Pad
9
TPS54360
SLVSBB4C – AUGUST 2012 – REVISED OCTOBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. ORDERING INFORMATION(1)
TJ
PACKAGE
PART NUMBER(2)
–40°C to 150°C
8 Pin HSOIC
TPS54360DDA
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The DDA package is also available in tape and reel packaging. Add an R suffix to the device type (TPS54360DDAR).
DEVICE INFORMATION
PIN CONFIGURATION
HSOIC PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
A bootstrap capacitor is required between BOOT and SW. If the voltage on this capacitor is below the
BOOT
1
O
minimum required to operate the high side MOSFET, the output is switched off until the capacitor is
refreshed.
VIN
2
I
Input supply voltage with 4.5 V to 60 V operating range.
Enable pin, with internal pull-up current source. Pull below 1.2 V to disable. Float to enable. Adjust the input
EN
3
I
undervoltage lockout with two resistors. See the Enable and Adjusting Undervoltage Lockout section.
Resistor Timing and External Clock. An internal amplifier holds this pin at a fixed voltage when using an
external resistor to ground to set the switching frequency. If the pin is pulled above the PLL upper threshold,
RT/CLK
4
I
a mode change occurs and the pin becomes a synchronization input. The internal amplifier is disabled and
the pin is a high impedance clock input to the internal PLL. If clocking edges stop, the internal amplifier is re-
enabled and the operating mode returns to resistor frequency programming.
FB
5
I
Inverting input of the transconductance (gm) error amplifier.
Error amplifier output and input to the output switch current (PWM) comparator. Connect frequency
COMP
6
O
compensation components to this pin.
GND
7
Ground
SW
8
I
The source of the internal high-side power MOSFET and switching node of the converter.
Thermal Pad
9
GND pin must be electrically connected to the exposed pad on the printed circuit board for proper operation.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS54360


Similar Part No. - TPS54360

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results

Similar Description - TPS54360

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360 TI-TPS54360_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS54360 60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54340 TI-TPS54340_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com