Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMB-37S-NMC-77 Datasheet(PDF) 8 Page - ITT Industries

Part # DCMB-37S-NMC-77
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DCMB-37S-NMC-77 Datasheet(HTML) 8 Page - ITT Industries

Back Button DCMB-37S-NMC-77 Datasheet HTML 4Page - ITT Industries DCMB-37S-NMC-77 Datasheet HTML 5Page - ITT Industries DCMB-37S-NMC-77 Datasheet HTML 6Page - ITT Industries DCMB-37S-NMC-77 Datasheet HTML 7Page - ITT Industries DCMB-37S-NMC-77 Datasheet HTML 8Page - ITT Industries DCMB-37S-NMC-77 Datasheet HTML 9Page - ITT Industries DCMB-37S-NMC-77 Datasheet HTML 10Page - ITT Industries DCMB-37S-NMC-77 Datasheet HTML 11Page - ITT Industries DCMB-37S-NMC-77 Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
7
D Subminiature
D*M
Straight Solder Termination (Machined) — Standard PC Tails
Part Numbers
Shell Size
Layout
Standoff
Standoff &
Boardlock
Standoff, Boardlock &
Screw Lock
DE
9
DEMV9SNA197
DEMZ9SNA197
DEMN9SNA197
DA
15
DAMV15SNA197
DAMZ15SNA197
DAMN15SNA197
DB
25
DBMV25SNA197
DBMZ25SNA197
DBMN25SNA197
DC
37
DCMV37SNA197
DCMZ37SNA197
DCMN37SNA197
DD
50
DDMV50SNA197
DDMZ50SNA197
DDMN50SNA197
Note: For contacts with 30 microinches gold substitute K126 for A197. Example: DEMN9SNK126
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Receptacle
L
5,69
(.224)
2,84
(.112)
F
W
2,84
(.112)
Engaging Face
Hardware removed for clarity
Hardware removed for clarity
DD Configuration
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 2-3.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 274.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
A
C
B
E
D
10
°
POSITION 1
Ø 0,76
(.030)
2,92
(.115)
6,50
± 0,25
(.256
± .010)
BOARDLOCK
7,62
± 0,25
(.300
± .010)
SCREW LOCK
# 4-40 UNC
4,52
(.178)
STANDOFF
# 4-40 UNC


Similar Part No. - DCMB-37S-NMC-77

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DCM XPPOWER-DCM Datasheet
600Kb / 2P
   Open Frame Telecom DCDC Converter
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
List of Unclassifed Man...
DCM ETC-DCM Datasheet
419Kb / 20P
   Pressure switches and pressure monitors for overpressure
logo
Cooper Bussmann, Inc.
DCM-10 COOPER-DCM-10 Datasheet
233Kb / 1P
   Midget Fuses, 600Vac/dc
logo
List of Unclassifed Man...
DCM-1031 ETC2-DCM-1031 Datasheet
920Kb / 3P
   Electronically commutated BLDC motors. Featuring a single frame size, neodymium magnet technology
More results

Similar Description - DCMB-37S-NMC-77

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com