Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5002 Datasheet(PDF) 2 Page - Intersil Corporation

Part # 5002
Description  ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5002 Datasheet(HTML) 2 Page - Intersil Corporation

  5002 Datasheet HTML 1Page - Intersil Corporation 5002 Datasheet HTML 2Page - Intersil Corporation 5002 Datasheet HTML 3Page - Intersil Corporation 5002 Datasheet HTML 4Page - Intersil Corporation 5002 Datasheet HTML 5Page - Intersil Corporation 5002 Datasheet HTML 6Page - Intersil Corporation 5002 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Application Note 1790
2
AN1790.0
December 3, 2012
For 12V VIN, and VOUT more than 1.5V, the switching frequency
will need to be adjusted, as shown in Table 1; no frequency
adjustments are necessary for VOUT below 1.5V. For 5V VIN, the
frequency does not need to be adjusted and the module default
frequency can be used at any allowed VOUT. If the output voltage
is set to more than 1.8V, the output current will need to be
derated to allow for safe operation at elevated ambient
temperatures. Please refer to the derating curves in the
ISL8225M datasheet.
For VIN < 5.5V, please tie VIN directly to VCC for best efficiency.
Also, it is preferred that the EN/FF voltage be over 1.5V in order
to achieve better stability.
Evaluation Board Information
The evaluation board size is 3 inch x 3 inch. It is a 4-layer board,
containing 2-ounce copper on the top and bottom layers and
1-ounce copper on all internal layers. The board can be used as a
30A reference design. Refer to the “Layout” section beginning on
page 4. The board is made up of FR4 material and all
components, including the solder attachment, are lead-free.
Thermal Considerations and Current Derating
For high current applications, board layout is very critical in order
to make the module operate safely and deliver maximum
allowable power. To carry large currents, the board layout needs
to be carefully designed to maximize thermal performance. To
achieve this, select enough trace width, copper weight and the
proper connectors.
This evaluation board is designed for running 30A @ 1.2V at
room temperature without additional cooling systems needed.
However, if the output voltage is increased or the board is
operated at elevated temperatures, then the available current is
derated. Refer to the derated current curves in the datasheet to
determine the output current available.
For layout of designs using the ISL8225M, the thermal
performance can be improved by adhering to the following
design tips:
1. Use the top and bottom layers to carry the large current.
VOUT1, VOUT2, Phase 1, Phase 2, PGND, VIN1 and VIN2
should have large, solid planes. Place enough thermal vias to
connect the power planes in different layers under and
around the module.
2. Phase 1 and Phase 2 pads are switching nodes that generate
switching noise. Keep these pads under the module. For
noise-sensitive applications, it is recommended to keep
phase pads only on the top and inner layers of the PCB; do not
place phase pads exposed to the outside on the bottom layer
of the PCB. To improve the thermal performance, the phase
pads can be extended in the inner layer, as shown in Phase 1
and Phase 2 pads on layer 3 (Figure 6) for this 30A evaluation
board. Make sure that layer 2 and layer 4 have the GND layers
to cover the extended areas of phase pads at layer 3 to avoid
noise coupling.
3. To avoid noise coupling, we recommend adding 470pF
capacitors on all COMP pins of each module for multiple
module operations.
4. If the ambient temperature is high or the board space is
limited, airflow is needed to dissipate more heat from the
modules. A heat sink can also be applied to the top side of the
module to further improve the thermal performance (heat
sink recommendation: Aavid Thermalloy, part number
375424B00034G, www.aavid.com).
TABLE 1. RESISTANCE SETTING FOR DIFFERENT OUTPUT VOLTAGES
AND OPERATING FREQUENCY (R3 = 1k)
VOUT
(V)
RVSET
(
Ω)
FREQUENCY
(kHz)
RFSET (Ω)
(VIN = 12V)
1.0
1500
Default
Default
1.2
Default
Default
Default
1.5
665
Default
Default
2.5
316
650
249k
3.3
221
800
124k
5.0
137
950
82.5k
5.5
121
950
82.5k


Similar Part No. - 5002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5002 TI1-5002 Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Intersil Corporation
5002 INTERSIL-5002 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
5002 INTERSIL-5002 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
logo
List of Unclassifed Man...
5002 ETC2-5002 Datasheet
462Kb / 1P
   THM TEST POINTS
logo
American Electronic Com...
5002 AEC-5002 Datasheet
172Kb / 1P
   Tilt Switch - Mercury
More results

Similar Description - 5002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225MEVAL4Z INTERSIL-ISL8225MEVAL4Z Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
AN1077 INTERSIL-AN1077 Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
ISL8225MEVAL2Z INTERSIL-ISL8225MEVAL2Z Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
logo
Silicon Laboratories
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
logo
Dialog Semiconductor
IW1830-EVAL1 DIALOG-IW1830-EVAL1 Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com