Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

744053008 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part No. 744053008
Description  POWER-CHOKE WE-TPC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744053008 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744053008 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744053008 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744053008 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
A
mm
B
mm
C
mm
D
mm
E
mm
F
G
H
@@FRM 1@@
= Start of winding
Marking = Inductance code
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Sättigungsstrom /
saturation current
Eigenres.-Frequenz /
self-res.-fequency
33%
Umgebungstemperatur / temperature:
+20°C
Ferrit
CZ
10-08-02
ME
09-01-15
MST
08-04-11
MST
04-10-11
MPH
03-03-27
Name
Datum / date
Kunde / customer
Freigabe erteilt / general release:
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
Luftfeuchtigkeit / humidity:
It is recommended that the temperature of the part does
F Werkstoffe & Zulassungen / material & approvals:
Draht / wire:
Endoberfläche / finishing electrode:
Class H
Sn/Ag/Cu - 96.5/3.0/0.5%
G Eigenschaften / general specifications:
Betriebstemp. / operating temperature: -40°C - + 125°C
http://www.we-online.com
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2010-08-02
max.
mA
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Testbedingungen /
test conditions
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
SRF
MHz
Umgebungstemp. / ambient temperature: -40°C - + 85°C
Basismaterial / base material:
not exceed 125°C under worst case operating conditions.
Kunde / customer :
744053008
SPEICHERDROSSEL WE-TPC
POWER-CHOKE WE-TPC
Artikelnummer / part number :
A Mechanische Abmessungen / dimensions:
2,0 typ.
1,90typ.
2,8 ± 0,2
HP 34401 A für/for RDC und IDC
0,055
± 30%
8,20
µH
1600
RDC typ
0,040
IDC
D Prüfgeräte / test equipment:
HP 4274 A für/for L und/and Q
@ 20°C
@ 20°C
∆T=30 K
100 kHZ / 0,1V
2100
28,00
Isat
|ΔL/L|<35%
Version 5
..................................................................................
..................................................................................
..................................................................................
Würth Elektronik
typ.
RDC max
typ.
L
max.
mA
typ.
Version 4
5,8 ± 0,3
5,8 ± 0,3
Type 5828
Änderung / modification
Version 1
Version 2
Version 6
Würth Elektronik eiSos GmbH & Co.KG
[mm]
6,30
2,20
1,90
2,20
2,20
Marking
A
B
C
D
D
E
SEITE 1 VON 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn