Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD82DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD82DR
Description  Robust RS-485 Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD82DR Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD82DR Datasheet HTML 1Page - Texas Instruments SN65HVD82DR Datasheet HTML 2Page - Texas Instruments SN65HVD82DR Datasheet HTML 3Page - Texas Instruments SN65HVD82DR Datasheet HTML 4Page - Texas Instruments SN65HVD82DR Datasheet HTML 5Page - Texas Instruments SN65HVD82DR Datasheet HTML 6Page - Texas Instruments SN65HVD82DR Datasheet HTML 7Page - Texas Instruments SN65HVD82DR Datasheet HTML 8Page - Texas Instruments SN65HVD82DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SN65HVD82
www.ti.com
SLLSED6 – OCTOBER 2012
SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER
tr, tf
Driver differential output rise/fall time
400
700
1200
ns
tPHL, tPLH
Driver propagation delay
RL = 54 Ω, CL = 50 pF, See Figure 3
90
700
1000
ns
tSK(P)
Driver pulse skew, |tPHL – tPLH|
25
200
ns
tPHZ, tPLZ
Driver disable time
50
500
ns
Receiver enabled
See Figure 4 and Figure 5
500
1000
ns
tPZH, tPZL
Driver enable time
Receiver disabled
3
9
μs
RECEIVER
tr, tf
Receiver output rise/fall time
18
30
ns
tPHL, tPLH
Receiver propagation delay time
CL = 15 pF, See Figure 6
85
195
ns
tSK(P)
Receiver pulse skew, |tPHL – tPLH|
1
15
ns
tPLZ, tPHZ
Receiver disable time
50
500
ns
Driver enabled, See Figure 7
20
130
ns
tPZL(1), tPZH(1)
Receiver enable time
tPZL(2), tPZH(2)
Driver disabled, See Figure 8
2
8
μs
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN65HVD82


Similar Part No. - SN65HVD82DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
SN65HVD888D TI1-SN65HVD888D Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
SN65HVD888DR TI1-SN65HVD888DR Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
More results

Similar Description - SN65HVD82DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1430 TI1-ISO1430 Datasheet
3Mb / 47P
[Old version datasheet]   5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
ISO1410 TI1-ISO1410 Datasheet
1Mb / 31P
[Old version datasheet]   5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
logo
Advantech Co., Ltd.
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
   Robust RS-422/485 Repeater
25-Feb-2020
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP485 LEIDITECH-SP485 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com