Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0107MA Datasheet(PDF) 2 Page - Apollo Electron Co., Ltd.

Part # Z0107MA
Description  Sensitive Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

Z0107MA Datasheet(HTML) 2 Page - Apollo Electron Co., Ltd.

  Z0107MA Datasheet HTML 1Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 2Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 3Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 4Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 5Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 6Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
(Tj =25°C unless otherwise specified)
Ratings
Symbol
Items
Conditions
Unit
Min.
Typ.
Max.
Repetitive Peak Off-State
V = V
I
D
DRM, Single Phase, Half Wave
DRM
Current
-
-
0.5
mA
VTM
Peak On-State Voltage
ITM = 1 A, tp=380㎲
­
-
1.6
V
I+GT1
I
-
-
10
­
­
 �
~~~
I -GT1
II
-
-
10
Gate Trigger Current
VD = 12V, R =100 Ω
L
mA
I -GT3
III
-
-
10
I+GT3
IV
 
-
-
30
V+GT1
I
--
1.8
V-GT1
-
-
1.8
V
Gate Trigger Voltage
VD = 12V, RL=100 Ω
V-GT3
III
--
1.8
V+GT3
IV
--
2.0
VGD
Non-Trigger Gate Voltage
VD=1/2 VDRM
0.1
-
-
V
Critical Rate of Rise Off-State
Tj = 110 °C
dv/dt
-
-
V/㎲
Voltage
VD=2/3 VDRM
5
IH
Holding Current
VD=12V, IT=0.1A
-
­
25
mA
TN1A80
2/6


Similar Part No. - Z0107MA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0107MA PHILIPS-Z0107MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
74Kb / 8P
   1A TRIACS
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0107MA NXP-Z0107MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
ON Semiconductor
Z0107MA ONSEMI-Z0107MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results

Similar Description - Z0107MA

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TN1A60 APOLLOELECTRON-TN1A60 Datasheet
1Mb / 5P
   Sensitive Triac
TP4A60S APOLLOELECTRON-TP4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
   Sensitive Gate Triac
logo
Apollo Electron Co., Lt...
TD4A60S APOLLOELECTRON-TD4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
Unisonic Technologies
BTA04 UTC-BTA04_15 Datasheet
189Kb / 5P
   SENSITIVE GATE TRIAC
logo
Apollo Electron Co., Lt...
TR4A60S APOLLOELECTRON-TR4A60S Datasheet
4Mb / 6P
   Sensitive Gate Triac
logo
Shenzhen Winsemi Microe...
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
   Sensitive Gate Triac
WTD4A60S WINSEMI-WTD4A60S Datasheet
445Kb / 5P
   Sensitive Gate Triac
logo
STMicroelectronics
T405Q-600B-TR STMICROELECTRONICS-T405Q-600B-TR Datasheet
70Kb / 7P
   Sensitive 4Q 4A TRIAC
logo
NTE Electronics
NTE56045 NTE-NTE56045 Datasheet
21Kb / 2P
   TRIAC, 16A, Sensitive Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com