Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1736310000 Datasheet(PDF) 14 Page - Weidmuller

Part No. 1736310000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1736310000 Datasheet(HTML) 14 Page - Weidmuller

Back Button 1736310000 Datasheet HTML 10Page - Weidmuller 1736310000 Datasheet HTML 11Page - Weidmuller 1736310000 Datasheet HTML 12Page - Weidmuller 1736310000 Datasheet HTML 13Page - Weidmuller 1736310000 Datasheet HTML 14Page - Weidmuller 1736310000 Datasheet HTML 15Page - Weidmuller 1736310000 Datasheet HTML 16Page - Weidmuller 1736310000 Datasheet HTML 17Page - Weidmuller 1736310000 Datasheet HTML 18Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Cable glands
57
Ordering data
Type
Thread
D1
D2
S
Qty.
Cat. No.
Metric threaded sealing rings, neoprene
GWDR M 16-NP
M 16
22
16
1.2
20
1736230000
GWDR M 20-NP
M 20
24
20
1.2
20
1736240000
GWDR M 25-NP
M 25
30
25
1.5
20
1736250000
GWDR M 32-NP
M 32
42
32
1.5
20
1736260000
GWDR M 40-NP
M 40
52
40
1.5
10
1736270000
GWDR M 50-NP
M 50
63
50
1.5
10
1736280000
GWDR M 63-NP
M 63
77
63
2
10
1736290000
PG threaded sealing rings, neoprene
GWDR Pg7-NP
PG 7
17
11.6
1.2
50
1719540000
GWDR Pg9-NP
PG 9
21
14.0
1.2
50
1719550000
GWDR Pg11-NP
PG 11
24
17.0
1.2
50
1719560000
GWDR Pg13.5-NP PG 13.5
27
19.5
1.2
50
1719570000
GWDR Pg16-NP
PG 16
30
22.5
1.2
25
1719580000
GWDR Pg21-NP
PG 21
35
28.3
1.5
20
1719590000
GWDR Pg29-NP
PG 29
45
37.0
1.5
20
1719600000
GWDR Pg36-NP
PG 36
60
47.0
1.5
10
1719610000
GWDR Pg42-NP
PG 42
65
54.0
1.5
10
1719620000
GWDR Pg48-NP
PG 48
71
59.3
1.5
5
1719630000
all sizes in mm
Threaded sealing rings
To increase the protection class of cable glands in Ex areas in
accordance with LCIE 97ATEX6007X.
Ordering data
Type
Thread
D1
D2
S
Qty.
Cat. No.
Metric threaded sealing rings, polyethylene
GWDR M12-PO
M 12 x 1.5
16
12
1.5
100
1777920000
GWDR M16-PO
M 16 x 1.5
20
16
1.5
100
1777930000
GWDR M20-PO
M 20 x 1.5
24
20
2.0
100
1777940000
GWDR M25-PO
M 25 x 1.5
29
25
2.0
100
1777950000
GWDR M32-PO
M 32 x 1.5
36
32
2.0
50
1777960000
GWDR M40-PO
M 40 x 1.5
44
40
2.0
50
1777970000
GWDR M50-PO
M 50 x 1.5
54
50
2.0
25
1777980000
GWDR M63-PO
M 63 x 1.5
67
63
2.0
10
1777990000
PG Threaded sealing rings, polyethylene
GWDR Pg7-PO
PG 7
16.5
12.5
1.6
50
1719440000
GWDR Pg9-PO
PG 9
19
15.3
1.6
50
1719450000
GWDR Pg11-PO
PG 11
22.5
18.6
1.8
50
1719460000
GWDR Pg13.5-PO PG 13.5
25
20.4
1.8
50
1719470000
GWDR Pg16-PO
PG 16
27
22.5
1.8
25
1719480000
GWDR Pg21-PO
PG 21
33.5
28.5
2.2
20
1719490000
GWDR Pg29-PO
PG 29
43.5
37.0
2.2
20
1719500000
GWDR Pg36-PO
PG 36
55
47.0
2.7
10
1719510000
GWDR Pg42-PO
PG 42
63
54.0
3.2
10
1719520000
GWDR Pg48-PO
PG 48
69
59.3
3.2
5
1719530000
all sizes in mm
Threaded sealing rings
To increase the protection class of cable glands.
Technical data
Material:
Neoprene
DIN:
46320
Technical data
Material:
Polyethylene
DIN:
46320
D 1
D 2
D 1
D 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn