Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1736310000 Datasheet(PDF) 18 Page - Weidmuller

Part No. 1736310000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1736310000 Datasheet(HTML) 18 Page - Weidmuller

Back Button 1736310000 Datasheet HTML 14Page - Weidmuller 1736310000 Datasheet HTML 15Page - Weidmuller 1736310000 Datasheet HTML 16Page - Weidmuller 1736310000 Datasheet HTML 17Page - Weidmuller 1736310000 Datasheet HTML 18Page - Weidmuller 1736310000 Datasheet HTML 19Page - Weidmuller 1736310000 Datasheet HTML 20Page - Weidmuller 1736310000 Datasheet HTML 21Page - Weidmuller 1736310000 Datasheet HTML 22Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Cable glands
61
Thread
Technical data
Material:
Polyethylene
Temperature:
-20°C ... +70°C
Protection class:
IP 54
Colour:
similar grey RAL 7035
Closed version which can be can also be used as as a simple
sealing plug
Ordering data
Type
Thread
L1
Qty.
Cat. No.
PG seal stopper
DN Pg9
PG 9
9.5
50
1719640000
DN Pg11
PG 11
10
50
1719650000
DN Pg13.5
PG 13.5
12
50
1719660000
DN Pg16
PG 16
12
25
1719670000
DN Pg21
PG 21
14
20
1719680000
DN Pg29
PG 29
16
20
1719690000
DN Pg36
PG 36
19
10
1719700000
DN Pg42
PG 42
23
10
1719710000
DN Pg48
PG 48
24
5
1719720000
all sizes in mm
Stopper
Seal stopper
In order to improve conductivity, the earthing washer is inserted
into the cable gland when using lead-sheathed cables.
Please refer to the mounting instructions.
Technical data
Material:
brass
Ordering data
Type
Cable Ø
D
L
Qty.
Cat. No.
EA VS No. 6
6.0 - 11.0
13.9
4
20
1736370000
EA VS No. 7
9.0 - 15.0
18.3
4.8
20
1736380000
EA VS No. 8
12.0 - 20.0
23.8
5.7
20
1736390000
EA VS No. 9
18.0 - 26.5
31
7.2
20
1736400000
EA VS No. 10
21.0 - 32.5
38.3
8.2
20
1736410000
EA VS No. 11
28.0 - 39.5
45.3
8.8
20
1736420000
EA VS No. 12
33.0 - 46.5
52.8
9.5
20
1736430000
EA VS No. 13
40.0 - 54.5
60.8
10.1
10
1736440000
EA VS No. 14
46.5 - 61.0
71
11.4
10
1736450000
EA VS No. 15
54.0 - 72.5
60.5
12.6
10
1736460000
EA VS No. 16
63.0 - 81.5
89.5
12.6
5
1736470000
all sizes in mm
Mounting instructions
Accessories
Earthing washer, brass for lead-sheathed cables


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn