Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W49L102P-70B Datasheet(PDF) 5 Page - Winbond

Part # W49L102P-70B
Description  64K X 16 CMOS 3.3V FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49L102P-70B Datasheet(HTML) 5 Page - Winbond

  W49L102P-70B Datasheet HTML 1Page - Winbond W49L102P-70B Datasheet HTML 2Page - Winbond W49L102P-70B Datasheet HTML 3Page - Winbond W49L102P-70B Datasheet HTML 4Page - Winbond W49L102P-70B Datasheet HTML 5Page - Winbond W49L102P-70B Datasheet HTML 6Page - Winbond W49L102P-70B Datasheet HTML 7Page - Winbond W49L102P-70B Datasheet HTML 8Page - Winbond W49L102P-70B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Preliminary W49L102
Publication Release Date: June 1999
- 5 -
Revision A1
TABLE OF OPERATING MODES
Operating Mode Selection
(VHH = 12V
± 0.5V )
MODE
PINS
CE
OE
WE
ADDRESS
DQ.
Read
VIL
VIL
VIH
AIN
Dout
Write
VIL
VIH
VIL
AIN
Din
Standby
VIH
X
X
X
High Z
Write Inhibit
X
VIL
X
X
High Z/DOUT
X
X
VIH
X
High Z/DOUT
Output Disable
X
VIH
X
X
High Z
Product ID
VIL
VIL
VIH
A0 = VIL; A1
−A15 = VIL;
A9 = VHH
Manufacturer Code
00DA (Hex)
VIL
VIL
VIH
A0 = VIH; A1
−A15 = VIL;
A9 = VHH
Device Code
00BF (Hex)
TABLE OF COMMAND DEFINITION
Command
No. of
1st Cycle
2nd Cycle
3rd Cycle
4th Cycle
5th Cycle
6th Cycle
Description
Cycles
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Read
1
AIN
DOUT
Chip Erase
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
5555 10
Main Memory Erase
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
5555 30
Word Program
4
5555 AA
2AAA 55
5555 A0
AIN
DIN
Boot Block Lockout
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
5555 40
Product ID Entry
3
5555 AA
2AAA 55
5555 90
Product ID Exit
(1)
3
5555 AA
2AAA 55
5555 F0
Product ID Exit
(1)
1
XXXX F0
Note: Address Format: A14
−A0 (Hex); Data Format: DQ15−DQ8 (Don't Care); DQ7-DQ0 (Hex)
Either one of the two Product ID Exit commands can be used.


Similar Part No. - W49L102P-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201S-70 WINBOND-W49L201S-70 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201S-90 WINBOND-W49L201S-90 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201T-70 WINBOND-W49L201T-70 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201T-90 WINBOND-W49L201T-90 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W49L102P-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W29F102 WINBOND-W29F102 Datasheet
256Kb / 21P
   64K 16 CMOS FLASH MEMORY
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
   64K 16 CMOS FLASH MEMORY
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Winbond
W49F201 WINBOND-W49F201 Datasheet
267Kb / 23P
   128K X 16 CMOS FLASH MEMORY
logo
Everspin Technologies I...
MR0A16A EVERSPIN-MR0A16A Datasheet
930Kb / 22P
   64K x 16 MRAM Memory
Rev. 8.3 3/2018
logo
Sharp Corporation
LH28F400SUN SHARP-LH28F400SUN Datasheet
2Mb / 43P
   4Mbit(512Kbit x 8,256Kbit x 16) 3.3V Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com