Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0271120000 Datasheet(PDF) 2 Page - Weidmuller

Part No. 0271120000
Description  Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEIDMULLER [Weidmuller]
Homepage  http://www.weidmuller.com
Logo 

0271120000 Datasheet(HTML) 2 Page - Weidmuller

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | Accessories | Visual separation /
side covers | AP end cover plates
- 2 -
0271160000
AP SAK16
Modular terminal, accessories, end plate and intermediate plate,
beige, 1.5 mm
0271180000
AP SAK16 BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0279560000
AP SAK2.5
Modular terminal, accessories, end plate and intermediate plate,
beige, 1.5 mm
0279580000
AP SAK2.5 BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0279520000
AP SAK2.5 KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 1.5 mm
0279570000
AP SAK2.5 KRG BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0279530000
AP SAK2.5 KRS
Modular terminal, accessories, end plate and intermediate plate,
anthracite, 1.5 mm
0309220000
AP SAK2.5L KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 1.5 mm
0117960000
AP SAK4-10
Modular terminal, accessories, end plate and intermediate plate,
beige, 1.5 mm
0117980000
AP SAK4-10 BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0117920000
AP SAK4-10 KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 1.5 mm
0117970000
AP SAK4-10 KRG/BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0117930000
AP SAK4-10 KRS
Modular terminal, accessories, end plate and intermediate plate,
anthracite, 1.5 mm
0340960000
AP SAK70/35
Modular terminal, accessories, end plate and intermediate plate,
beige, 2 mm
0550920000
AP SAK95 KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 3 mm
0550970000
AP SAK95 KRG/BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 3 mm
0134220000
AP SAKA KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 3 mm
0150960000
AP SAKD2.5N
Modular terminal, accessories, end plate and intermediate plate,
beige, 1.5 mm
0150980000
AP SAKD2.5N BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0329120000
AP SAKT2 KRG
Modular terminal, accessories, end plate and intermediate plate,
Medium yellow, 3 mm
0244920000
AP SAKT4 KRG
Modular terminal, accessories, end plate and intermediate plate,
Medium yellow, 3 mm


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn