Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM115224-3040 Datasheet(PDF) 3 Page - ITT Industries

Part # DM115224-3040
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM115224-3040 Datasheet(HTML) 3 Page - ITT Industries

  DM115224-3040 Datasheet HTML 1Page - ITT Industries DM115224-3040 Datasheet HTML 2Page - ITT Industries DM115224-3040 Datasheet HTML 3Page - ITT Industries DM115224-3040 Datasheet HTML 4Page - ITT Industries DM115224-3040 Datasheet HTML 5Page - ITT Industries DM115224-3040 Datasheet HTML 6Page - ITT Industries DM115224-3040 Datasheet HTML 7Page - ITT Industries DM115224-3040 Datasheet HTML 8Page - ITT Industries DM115224-3040 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
2
D* - Wrap Post Termination
See pages 12-13.
Product Features
High performance commercial class
connectors
Two contact lengths for 2 or 3 wraps
Machined contacts
D* straight connectors are available for high
performance uses according to DIN 41652.
Contacts available in two popular lengths.
ZD* - Straight Solder Termination (Stamped)
See pages 8-9.
Product Features
Stamped contacts with 5 A current capacity
Economical
Optional vertical standoffs with optional
harpoon style boardlocks or screw locks
ZD* straight connectors are available for
applications where price is the primary driver. They
are available with or without boardlocks and screw
locks.
D Subminiature
Straight PCB Selection Guide
D*NG - Straight Pressfit Termination
The D*NG is based upon the specification
CECC75-301-802. These connectors provide a
low-cost alternative to traditional through hole
solder contacts. Utilizing stamped ‘‘Eye of the
Needle’’ compliant contact tails per IEC-352-5, the
parts are quickly and easily mounted onto PCBs
without soldering, crimping or specialized tooling.
The socket contact engaging area utilizes a
‘‘spoon’’
shape
with
four
points
of
interconnection.
Hardware
options
provide
flexibility and ensure that the final product fits the
electrical requirements of any application.
Product Features
Quick and easy press-in installation without
specialized tooling
‘‘Spoon’’ socket contact provides improved
interface compared to ‘‘Tuning Fork’’
Closed-entry socket for secure blind mating
Front-shell only design based on
CECC 75-301-802
‘‘Eye of the Needle’’ compliant contact tails
Press-in bolt for ground continuity
#4-40 UNC and M3 hardware options
See pages 4-5.
D*M Straight Solder Termination (Machined) — Standard PC Tails
See pages 6-7.
Product Features
7.5 A current capacity
Machined contacts
2 contact finishes
Optional vertical standoffs, screw locks, and
boardlocks (4 prongs)
UL file number E8572
Dimensionally compatible with Combo D
D*M straight PCB connectors, equivalent to
MIL-C-24308 qualified versions (except for
finishes) for printed circuit boards and backplanes
in demanding applications. Additional contact
lengths, hardware and finish options available;
consult factory for details.
D* - Straight Solder Termination (Machined) — European PC Tails
See pages 10-11.
Product Features
High performance commercial connectors
Two contact finish performance classes
Optional vertical standoffs, threaded inserts
and pushfits/boardlocks
OL2 contact length, other lengths available
Tin plated contact PC tails (pin & socket)
Machined contacts
D* straight connectors are available for high
performance uses according to DIN 41652.
Available with European length OL contacts.
Select contact finish from 2 performance classes.


Similar Part No. - DM115224-3040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM115 SITI-DM115 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
C&K Components
DM115440-14A CK-COMPONENTS-DM115440-14A Datasheet
1Mb / 12P
   D*BM Series compliant
DM115440-15A CK-COMPONENTS-DM115440-15A Datasheet
1Mb / 12P
   D*BM Series compliant
logo
Silicon Touch Technolog...
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
More results

Similar Description - DM115224-3040

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com