Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W49F201T-45B Datasheet(PDF) 5 Page - Winbond

Part # W49F201T-45B
Description  128K X 16 CMOS FLASH MEMORY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49F201T-45B Datasheet(HTML) 5 Page - Winbond

  W49F201T-45B Datasheet HTML 1Page - Winbond W49F201T-45B Datasheet HTML 2Page - Winbond W49F201T-45B Datasheet HTML 3Page - Winbond W49F201T-45B Datasheet HTML 4Page - Winbond W49F201T-45B Datasheet HTML 5Page - Winbond W49F201T-45B Datasheet HTML 6Page - Winbond W49F201T-45B Datasheet HTML 7Page - Winbond W49F201T-45B Datasheet HTML 8Page - Winbond W49F201T-45B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Preliminary W49F201
Publication Release Date: June 1999
- 5 -
Revision A1
Toggle Bit (DQ6)- Write Status Detection
In addition to data polling, the W49F201 provides another method for determining the end of a
program cycle. During the internal program or erase cycle, any consecutive attempts to read DQ6 will
produce alternating 0's and 1's. When the program or erase cycle is completed, this toggling between
0's and 1's will stop. The device is then ready for the next operation.
Product Identification
The product ID operation outputs the manufacturer code and device code. Programming equipment
automatically matches the device with its proper erase and programming algorithms.
The manufacturer and device codes can be accessed by software or hardware operation. In the
software access mode, a six-word (or JEDEC 3-word) command sequence can be used to access the
product ID. A read from address 0000H outputs the manufacturer code, 00DA(hex). A read from
address 0001(hex) outputs the device code, 00AE(hex). The product ID operation can be terminated
by a three-word command sequence or an alternative one-word command sequence (see Command
Definition table).
In the hardware access mode, access to the product ID is activated by forcing CE and OE low, WE
high, and raising A9 to 12 volts.
TABLE OF OPERATING MODES
Operating Mode Selection
(VHH = 12V
±5 %)
MODE
PINS
CE
OE
WE
RESET
ADDRESS
DQ.
Read
VIL
VIL
VIH
VIH
AIN
Dout
Erase/Program
VIL
VIH
VIL
VIH
AIN
Din
Standby
VIH
X
X
VIH
X
High Z
Erase/Program
X
VIL
X
VIH
X
High Z/DOUT
Inhibit
X
X
VIH
VIH
X
High Z/DOUT
Output Disable
X
VIH
X
VIH
X
High Z
Product ID
VIL
VIL
VIH
VIH
A0 = VIL;
A1
−A15 = VIL; A9 = VHH
Manufacturer Code
00DA (Hex)
VIL
VIL
VIH
VIH
A0 = VIH;
A1
−A15 = VIL; A9 = VHH
Device Code
00AE (Hex)
Reset
X
X
X
VIL
X
High Z


Similar Part No. - W49F201T-45B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F002 WINBOND-W49F002 Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U-12B WINBOND-W49F002U-12B Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U-70B WINBOND-W49F002U-70B Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U-90B WINBOND-W49F002U-90B Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W49F201T-45B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Macronix International
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Austin Semiconductor
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
ATMEL Corporation
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
   2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com