Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W55FXX Datasheet(PDF) 3 Page - Winbond

Part # W55FXX
Description  SERIAL FLASH EEPROM SERIES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W55FXX Datasheet(HTML) 3 Page - Winbond

  W55FXX Datasheet HTML 1Page - Winbond W55FXX Datasheet HTML 2Page - Winbond W55FXX Datasheet HTML 3Page - Winbond W55FXX Datasheet HTML 4Page - Winbond W55FXX Datasheet HTML 5Page - Winbond W55FXX Datasheet HTML 6Page - Winbond W55FXX Datasheet HTML 7Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
W55FXX
Publication Release Date: August 1996
- 3 -
Revision A2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITION
RATED VALUE
UNIT
Operating Temp.
TOPR
-
0 to +70
°C
Storage Temp.
TSTG
-
-65 to +150
°C
Power Supply
VDD
VSS
-
-0.3 to +7.0
V
Input DC Voltage
VDC
All pins
-0.5 to VDD +1.0
V
Transient Voltage (< 20 nS)
VTRAN
All pins
-1.0 to VDD +1.0
V
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the
device.
DC CHARACTERISTICS
(VDD = 4.5V, VSS = 0V, TA = 25
° C)
PARAMETER
SYMBOL
CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Operating voltage
VDD
-
2.4
(Note)
4.5
5.5
V
Standby current
ISB
All inputs = GND
DATA & EOP open
-2
4
µA
Operating current
IOP
In read mode
DATA & EOP open
FOSC = 1 MHz
-5
10
mA
Input voltage
High
VIH
All input pins
2.0
VDD
V
Low
VIL
-0.3
-
0.8
V
Output current
Sink
IOL
VOL = 0.5V
2.5
5
-
mA
Drive
IOH
VOH = 4.0V
-2.5
-5
-
mA
Input leakage current
of CTRL, MODE
ILI1
VIN = 4.5V
-
-
4.5
µA
Input leakage current
of DATA
ILI2
VIN = 0V
-
-
-4.5
µA
Note: For been working with W52900, the minimum operating voltage couldn't be less than 3.6 volt.


Similar Part No. - W55FXX

ManufacturerPart #DatasheetDescription
logo
Winbond
W55FXXX WINBOND-W55FXXX Datasheet
203Kb / 12P
   Serial Flash Memory
May 02, 2006 Revision A1.8
More results

Similar Description - W55FXX

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
   Serial EEPROM series Standard EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR24A01AF-WME2 ROHM-BR24A01AF-WME2 Datasheet
705Kb / 31P
   Serial EEPROM Series Automotive EEPROM
BRCF016GWZ-3 ROHM-BRCF016GWZ-3 Datasheet
499Kb / 28P
   Serial EEPROM Series Standard EEPROM
BR25H160-2C ROHM-BR25H160-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com