Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-205 Datasheet(PDF) 7 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-205
Description  LITE-ON TECHNOLOGY CORPORATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-205 Datasheet(HTML) 7 Page - Shenzhen Tenand Technology Co., Ltd.

Back Button LTV-205 Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-205 Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-205 Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-205 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-205 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-205 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-205 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-205 Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. LTV-205 Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of Lite-on Only
Current Transfer Ratio
Parameter
Test Condition
Part
Min
Typ
Max
Units
LTV-200
20
%
LTV-205
40
80
%
LTV-206
63
125
%
LTV-207
100
200
%
VCE = 5V, IF = 10mA
LTV-208
100
%
LTV-205
13
%
LTV-206
22
%
LTV-207
34
%
DC Current Transfer Ratio
VCE = 5V, IF = 1mA
LTV-208
100
%
Switching Specifications
Test Circuit for Response Time
Input
RD
Input
ts
Output
Output
Vcc
RL
tr
td
tf
10%
90%
ton
toff
Part No. : LTV-200 / 205 / 206 / 207 / 208 (Preliminary)
Page : 7
of 10
BNS-OD-C131/A4
Parameter
Test Condition
Symbol
Min
Typ
Max
Units
Turn-on Time
Ic=2mA, RL=100Ω
Vcc=5V
ton
3
μs
Turn-off Time
Ic=2mA, RL=100Ω
Vcc=5V
toff
3
μs
*All Typical at TA =25
ْ C


Similar Part No. - LTV-205

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-205 LITEON-LTV-205 Datasheet
195Kb / 10P
   Optocouplers, Phototransistor Output, Dual Channel, SOP8 Package
More results

Similar Description - LTV-205

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-214 TENAND-LTV-214 Datasheet
305Kb / 16P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
LTST-C930KGKT LITEON-LTST-C930KGKT Datasheet
641Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTPL-P00DWS65 LITEON-LTPL-P00DWS65 Datasheet
184Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
LTW-M140SZS40 LITEON-LTW-M140SZS40 Datasheet
538Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
LTL1CHTBK3 LITEON-LTL1CHTBK3 Datasheet
178Kb / 8P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C170TBKT LITEON-LTST-C170TBKT Datasheet
548Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTV-214 LITEON-LTV-214 Datasheet
235Kb / 14P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C171KSKT LITEON-LTST-C171KSKT Datasheet
842Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
logo
Shenzhen Tenand Technol...
LTV-217 TENAND-LTV-217 Datasheet
335Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
CNY17-1 LITEON-CNY17-1 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com