Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210C223K5RAC Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1210C223K5RAC
Description  CERAMIC CHIP CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C223K5RAC Datasheet(HTML) 4 Page - Kemet Corporation

  C1210C223K5RAC Datasheet HTML 1Page - Kemet Corporation C1210C223K5RAC Datasheet HTML 2Page - Kemet Corporation C1210C223K5RAC Datasheet HTML 3Page - Kemet Corporation C1210C223K5RAC Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
54
KEMET
®
CERAMIC CHIP CAPACITORS
Thickness
Code
Chip Size
Chip Thickness
Range (mm)
Qty per Reel
7"
Plastic
Qty per Reel
13" Plastic
Qty per Reel
7"
Paper
Qty per Reel
13" Paper
Qty per Bulk
Cassette
AA
0201
.30
± .03
N/A
N/A
15,000
N/A
N/A
BB
0402
.50
± .05
N/A
N/A
10,000
50,000
50,000
CB
0603
.80
± .07
N/A
N/A
4,000
10,000
15,000
CC
0603
.80
± .10
N/A
N/A
4,000
10,000
N/A
DB
0805
.60
± .10
N/A
N/A
N/A
N/A
10,000
DC
0805
.78
± .10
4,000
10,000
4,000
10,000
N/A
DD
0805
.90
± .10
4,000
10,000
N/A
N/A
N/A
DE
0805
1.00
± .10
2,500
10,000
N/A
N/A
N/A
DF
0805
1.10
± .10
2,500
10,000
N/A
N/A
N/A
DG
0805
1.25
± .15
2,500
10,000
N/A
N/A
N/A
DH
0805
1.25
± .20
2,500
10,000
N/A
N/A
N/A
EB
1206 .78
± .10
4,000
10,000
4,000
10,000
N/A
EC
1206 .90
± .10
4,000
10,000
N/A
N/A
N/A
ED
1206 1.00
± .10
2,500
10,000
N/A
N/A
N/A
EE
1206 1.10
± .10
2,500
10,000
N/A
N/A
N/A
EF
1206 1.20
± .15
2,500
10,000
N/A
N/A
N/A
EG
1206 1.6
0
± .15
2,000
8,000
N/A
N/A
N/A
EH
1206 1.6
0
± .20
2,000
8,000
N/A
N/A
N/A
EJ
1206 1.70
± .20
2,000
8,000
N/A
N/A
N/A
FB
1210
.78
± .10
4,000
10,000
N/A
N/A
N/A
FC
1210
.90
± .10
4,000
10,000
N/A
N/A
N/A
FD
1210
.95
± .10
4,000
10,000
N/A
N/A
N/A
FE
1210
1.00
± .10
2,500
10,000
N/A
N/A
N/A
FF
1210
1.10
± .10
2,500
10,000
N/A
N/A
N/A
FG
1210
1.25
± .15
2,500
10,000
N/A
N/A
N/A
FH
1210
1.55
± .15
2,000
8,000
N/A
N/A
N/A
FJ
1210
1.85
± .15
2,000
8,000
N/A
N/A
N/A
FK
1210
2.10
± .20
2,000
8,000
N/A
N/A
N/A
GB
1812
1.00
± .10
1,000
4,000
N/A
N/A
N/A
GC
1812
1.10
± .10
1,000
4,000
N/A
N/A
N/A
GD
1812
1.25
± .15
1,000
4,000
N/A
N/A
N/A
GE
1812
1.30
± .10
1,000
4,000
N/A
N/A
N/A
GF
1812
1.50
± .10
1,000
4,000
N/A
N/A
N/A
GG
1812
1.55
± .10
1,000
4,000
N/A
N/A
N/A
GH
1812
1.40
± .15
1,000
4,000
N/A
N/A
N/A
GJ
1812
1.70
± .15
1,000
4,000
N/A
N/A
N/A
HB
1825
1.10
± .15
1,000
4,000
N/A
N/A
N/A
HD
1825
1.30
± .15
1,000
4,000
N/A
N/A
N/A
HE
1825
1.40
± .15
1,000
4,000
N/A
N/A
N/A
HF
1825
1.50
± .15
1,000
4,000
N/A
N/A
N/A
JB
2220
1.00
± .15
1,000
4,000
N/A
N/A
N/A
JC
2220
1.10
± .15
1,000
4,000
N/A
N/A
N/A
JD
2220
1.30
± .15
1,000
4,000
N/A
N/A
N/A
JE
2220
1.40
± .15
1,000
4,000
N/A
N/A
N/A
JF
2220
1.50
± .15
1,000
4,000
N/A
N/A
N/A
KB
2225
1.00
± .15
1,000
4,000
N/A
N/A
N/A
KC
2225
1.10
± .15
1,000
4,000
N/A
N/A
N/A
KD
2225
1.30
± .15
1,000
4,000
N/A
N/A
N/A
KE
2225
1.40
± .15
1,000
4,000
N/A
N/A
N/A
This chart refers to ceramic chip thickness codes on pages 50-53.
THICKNESS CODE REFERENCE CHART
PACKAGING QTY BASED ON FINISHED CHIP THICKNESS SPECIFICATIONS


Similar Part No. - C1210C223K5RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C223K5RACAUTO KEMET-C1210C223K5RACAUTO Datasheet
589Kb / 4P
   SMD Auto X7R, Ceramic, 0.022 uF, 10%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 1210
5/16/2023
More results

Similar Description - C1210C223K5RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com