Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDUA116T Datasheet(PDF) 1 Page - NICHIA CORPORATION

Part # NDUA116T
Description  Ultra Violet Laser Diode for External Cavity
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NDUA116T Datasheet(HTML) 1 Page - NICHIA CORPORATION

  NDUA116T Datasheet HTML 1Page - NICHIA CORPORATION NDUA116T Datasheet HTML 2Page - NICHIA CORPORATION NDUA116T Datasheet HTML 3Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-1-
[ YTB-SC0015-02 ]
2012/10/16
Ultra Violet Laser Diode for External Cavity
NDUA116T
Test Sample
Features
• For External Cavity Laser with Low Reflection Coating on front facet
• Optical Output Power: 20mW
• Can Type:
φ 5.6 mm Floating Mounted with Photo Diode and Zener Diode
Absolute Maximum Ratings
Item
Symbol
Absolute Maximum
Ratings
Unit
Optical Output Power
Po
25
mW
LD Forward Current
If
60
mA
Allowable Reverse Current
Ir (LD)
85
mA
PD Reverse Voltage
Vr (PD)
20
V
Storage Temperature
Tstg
-25 ~ 75
°C
Operating Case Temperature
Tc
10 ~ 55
°C
Initial Electrical/Optical Characteristics
(Ta=23
°C *1)
Item
Condition
Symbol
Min
Typ.
Max
Unit
Optical Output Power
CW
Po
-
-
20
mW
Peak Wavelength
Po=20mW
λp
390
-
400
nm
Threshold Current
CW
Ith
-
43
-
mA
Operating Current
Po=20mW
Iop
-
53
-
mA
Slope Efficiency
CW
η
-
2.0
-
W/A
Operating Voltage
Po=20mW
Vop
-
4.0
-
V
θ//
7
-
12
deg.
Beam Divergence*2
Po=20mW
θ⊥
15
-
23
deg.
∆θ//
-2.0
-
2.0
deg.
Emission
Point
Accuracy
Angle
Po=20mW
∆θ⊥
-2.5
-
2.5
deg.
Monitor Current*3
Po=20mW
Im
-
-
1
mA
*1 There is some range in ambient temperature.
*2 Full angle at 50% from peak intensity
*3 Monitor Current is short time power reference purpose only. Not guaranteed for
accuracy. This value must be affected intensely by feedback from composing optics.
All figures in this specification are measured by Nichia's method and may contain measurement deviations.
Diffractive feedback efficiency to the Laser diode must be limited less than 30 % under the External cavity configuration.
This model is Test Sample for evaluation or design purpose only. Life time is not guaranteed.
The above specifications are for reference purpose only and subjected to change without prior notice.
Safety of Laser light
Laser Light can damege the human eyes and skin. Do not expose the eye or skin to any
laser light directly and/or through optical lens. When handling the LDs, wear appropriate
safety glasses to prevent laser light, even any reflections from entering to the eye. Focused
laser beam through optical instruments will increase the chance of eye hazard.
These LDs are classified in Class 4 of IEC60825-1 and 21 CFR Part 1040.10 Safety
Standards. It is absolutely necessary to take overall safety measures against User's
modules, equipment and systems into which Nichia LDs are incorporated and/or integrated.
NICHIA CORPORATION
http://www.nichia.co.jp
HEADQUARTERS
491 Oka, Kaminaka-Cho, Anan-Shi, TOKUSHIMA 774-8601, JAPAN
PHONE: +81-884-22-2311
FAX: +81-884-21-0148
CONTACT
TOKYO SALES OFFICE
13F Tamachi Center Building 34-7, Shiba 5-Chome, Minato-Ku, TOKYO 108-0014, JAPAN
PHONE: +81-3-3456-3108
FAX: +81-3-5440-7330
Outline Dimension
Unit (mm)
( ) are reference figures
Pin Connection
This model has a zener diode built in
as protection circuit against static
electricity.


Similar Part No. - NDUA116T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDUA116T-E NICHIA-NDUA116T-E Datasheet
197Kb / 3P
   Ultra Violet Laser Diode for External Cavity
More results

Similar Description - NDUA116T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDUA116T-E NICHIA-NDUA116T-E Datasheet
197Kb / 3P
   Ultra Violet Laser Diode for External Cavity
NDVA111T NICHIA-NDVA111T Datasheet
192Kb / 3P
   Violet Laser Diode for External Cavity
NDVA316T NICHIA-NDVA316T Datasheet
175Kb / 3P
   Violet Laser Diode for External Cavity
NDVA111T-E NICHIA-NDVA111T-E Datasheet
117Kb / 3P
   Violet Laser Diode for External Cavity
NDVA216T-E NICHIA-NDVA216T-E Datasheet
198Kb / 3P
   Violet Laser Diode for External Cavity
NDVA316T-E NICHIA-NDVA316T-E Datasheet
198Kb / 3P
   Violet Laser Diode for External Cavity
NDVA216T NICHIA-NDVA216T Datasheet
175Kb / 3P
   Violet Laser Diode for External Cavity
NDBA116T NICHIA-NDBA116T Datasheet
189Kb / 1P
   Blue Laser Diode for External Cavity
NDBA116T-E NICHIA-NDBA116T-E Datasheet
253Kb / 3P
   Blue Laser Diode for External Cavity
NDU1113E NICHIA-NDU1113E Datasheet
185Kb / 3P
   Ultra Violet Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com