Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C5534AZHHA10 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320C5534AZHHA10
Description  TMS320C5535, C5534, C5533,C5532 FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5534AZHHA10 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C5534AZHHA10 Datasheet HTML 3Page - Texas Instruments TMS320C5534AZHHA10 Datasheet HTML 4Page - Texas Instruments TMS320C5534AZHHA10 Datasheet HTML 5Page - Texas Instruments TMS320C5534AZHHA10 Datasheet HTML 6Page - Texas Instruments TMS320C5534AZHHA10 Datasheet HTML 7Page - Texas Instruments TMS320C5534AZHHA10 Datasheet HTML 8Page - Texas Instruments TMS320C5534AZHHA10 Datasheet HTML 9Page - Texas Instruments TMS320C5534AZHHA10 Datasheet HTML 10Page - Texas Instruments TMS320C5534AZHHA10 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 156 page
background image
TMS320C5535
TMS320C5534, TMS320C5533, TMS320C5532
www.ti.com
SPRS737B – AUGUST 2011 – REVISED MARCH 2012
2
Device Overview
2.1
Device Differences
Table 2-1 lists the important differences between the devices, including on-chip RAM, peripheral support,
and LDOs.
Table 2-1. Device Differences
Device
Digital Core Supply
On-chip
On-chip
USB
LCD
Tightly-
SAR
LDO
Voltage (CVDD)
DARAM
SARAM
Interface
Coupled
ADC
FFT
1.05 V
1.3 V
Maximum CPU Speed
TMS320C5535A05
50 MHz
-
ANA, DSP,
64 KB
256 KB
x(1)
x
x
x
and USB
TMS320C5535A10
50 MHz
100 MHz
TMS320C5534A05
50 MHz
-
ANA, DSP,
64 KB
192 KB
x
-(2)
-
-
and USB
TMS320C5534A10
50 MHz
100 MHz
TMS320C5533A05
50 MHz
-
ANA and
64 KB
64 KB
x
-
-
-
USB
TMS320C5533A10
50 MHz
100 MHz
TMS320C5532A05
50 MHz
-
64 KB
0 KB
-
-
-
-
ANA only
TMS320C5532A10
50 MHz
100 MHz
(1)
x — Supported
(2)
- — Not supported
2.2
Device Characteristics
The following tables provide an overview of all the devices. The tables show significant features of each
device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type
with pin count. For more detailed information on the actual device part number and maximum device
operating frequency, see Section 7.1.2, Device and Development-Support Tool Nomenclature.
Table 2-2. Characteristics of the 'C5535 Processor
HARDWARE FEATURES
TMS320C5535A05, 'C5535A10
Peripherals
Not all peripheral pins are
Four DMA controllers each with four channels,
available at the same time DMA
for a total of 16 channels
(for more detail, see the
Device Configurations
section).
2 32-Bit General-Purpose (GP) Timers
Timers
1 Additional Timer Configurable as a 32-Bit GP Timer and/or a
Watchdog
UART
1 (with RTS/CTS flow control)
SPI
1 with 4 chip selects
I2C
1 (Master/Slave)
I2S
4 (Two Channel, Full Duplex Communication)
USB 2.0 (Device only)
High- and Full-Speed Device
2 SD, 256-byte read/write buffer, max 50-MHz clock and
SD
signaling for DMA transfers
LCD Bridge
1 (8-bit or 16-bit asynchronous parallel bus)
ADC (Successive Approximation [SAR])
1 (10-bit, 4-input, 16-
μs conversion time)
Real-Time Clock (RTC)
1 (Crystal Input, Separate Clock Domain and Power Supply)
FFT Hardware Accelerator
1 (Supports 8 to 1024-point 16-bit real and complex FFT)
Copyright © 2011–2012, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Link(s): TMS320C5535 TMS320C5534 TMS320C5533 TMS320C5532


Similar Part No. - TMS320C5534AZHHA10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5534AZHHA10 TI1-TMS320C5534AZHHA10 Datasheet
1Mb / 155P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C5534AZHHA10 TI1-TMS320C5534AZHHA10 Datasheet
1Mb / 156P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C5534AZHHA10 TI1-TMS320C5534AZHHA10 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
More results

Similar Description - TMS320C5534AZHHA10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5535 TI1-TMS320C5535_V01 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com