Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C5534AZHH10 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320C5534AZHH10
Description  TMS320C5535, C5534, C5533,C5532 FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5534AZHH10 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C5534AZHH10 Datasheet HTML 1Page - Texas Instruments TMS320C5534AZHH10 Datasheet HTML 2Page - Texas Instruments TMS320C5534AZHH10 Datasheet HTML 3Page - Texas Instruments TMS320C5534AZHH10 Datasheet HTML 4Page - Texas Instruments TMS320C5534AZHH10 Datasheet HTML 5Page - Texas Instruments TMS320C5534AZHH10 Datasheet HTML 6Page - Texas Instruments TMS320C5534AZHH10 Datasheet HTML 7Page - Texas Instruments TMS320C5534AZHH10 Datasheet HTML 8Page - Texas Instruments TMS320C5534AZHH10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 156 page
background image
PLL/Clock
Generator
Power
Management
Pin
Multiplexing
JTAG Interface
64 KB DARAM
128 KB ROM
Switched Central Resource (SCR)
Input
Clock(s)
C55x DSP CPU
DSP System
Peripherals
I S
(x4)
2
I C
2
SPI
UART
Serial Interfaces
DMA
(x4)
Interconnect
Program/Data
Storage
eMMC/SD
SDHC
(x2)
No SARAM
TMS320C5532
TMS320C5533
TMS320C5534
TMS320C5535
64 KB SARAM
192 KB SARAM
256 KB SARAM
FFT Hardware
Accelerator
TMS320C5534
USB 2.0
PHY (HS)
[DEVICE]
Connectivity
TMS320C5533
Not Applicable
TMS320C5532
TMS320C5535
10-Bit
SAR
ADC
Application
Specific
LCD
Bridge
Display
GP Timer
(x2)
RTC
GP Timer
or WD
System
USB_LDO
DSP_LDO
TMS320C5533
TMS320C5532
TMS320C5535/C5534
ANA_LDO
TMS320C5535
TMS320C5534, TMS320C5533, TMS320C5532
SPRS737B – AUGUST 2011 – REVISED MARCH 2012
www.ti.com
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the devices.
Figure 1-1. Functional Block Diagram
4
Fixed-Point Digital Signal Processor
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C5535 TMS320C5534 TMS320C5533 TMS320C5532


Similar Part No. - TMS320C5534AZHH10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5534AZHH10 TI1-TMS320C5534AZHH10 Datasheet
1Mb / 155P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C5534AZHH10 TI1-TMS320C5534AZHH10 Datasheet
1Mb / 156P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C5534AZHH10 TI1-TMS320C5534AZHH10 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
More results

Similar Description - TMS320C5534AZHH10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5535 TI1-TMS320C5535_V01 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com