Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDA4116 Datasheet(PDF) 1 Page - NICHIA CORPORATION

Part No. NDA4116
Description  Aquamarine Laser Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NDA4116 Datasheet(HTML) 1 Page - NICHIA CORPORATION

  NDA4116 Datasheet HTML 1Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-1-
[ UTZ-SC0323_2 ]
2012/10/02
Aquamarine Laser Diode
NDA4116
Features
• Peak Wavelength: 473nm
• Optical Output Power: 100mW
• Can Type:
φ 5.6 mm Floating Mounted with Photo Diode and Zener Diode
Absolute Maximum Ratings
Item
Symbol
Absolute
Maximum Ratings
Unit
Optical Output Power
Po
120
mW
Allowable Reverse Current
Ir (LD)
85
mA
PD Reverse Voltage
Vr (PD)
5
V
Storage Temperature
Tstg
-40 ~ 85
°C
Operating Case Temperature
Tc
0 ~ 60
°C
Initial Electrical/Optical Characteristics
(Tc=25°C)
Item
Condition
Symbol
Min
Typ.
Max
Unit
Optical Output Power
CW
Po
-
-
100
mW
Peak Wavelength
Po=100mW
λp
468
473
478
nm
Threshold Current
CW
Ith
-
20
45
mA
Operating Current
Po=100mW
Iop
-
120
150
mA
Slope Efficiency
CW
η
0.8
1.0
-
W/A
Operating Voltage
Po=100mW
Vop
5.0
5.7
6.5
V
Parallel
θ//
8.0
9.5
12.0
°
Beam
Divergence*
Perpendicular
Po=100mW
θ⊥
20.0
23.5
27.0
°
Parallel
∆θ//
-2.5
-
2.5
°
Beam Pointing
Accuracy
Perpendicular
Po=100mW
∆θ⊥
-3.0
-
3.0
°
Monitor Current**
Po=100mW
Im
0.2
1.0
2.0
mA
* Full angle at 50% from peak intensity
** Monitor Current is short time power reference purpose only. Not guaranteed for
accuracy.
All figures in this specification are measured by Nichia's method and may contain measurement deviations.
The above specifications are for reference purpose only and subjected to change without prior notice.
NICHIA CORPORATION
http://www.nichia.co.jp
HEADQUARTERS
491 Oka, Kaminaka-Cho, Anan-Shi, TOKUSHIMA 774-8601, JAPAN
PHONE: +81-884-22-2311
FAX: +81-884-21-0148
CONTACT
TOKYO SALES OFFICE
13F Tamachi Center Building 34-7, Shiba 5-Chome, Minato-Ku, TOKYO 108-0014, JAPAN
PHONE: +81-3-3456-3108
FAX: +81-3-5440-7330
Outline Dimension
Unit (mm)
( ) are reference figures
Pin Connection
This model has a Zener Diode built in
as a protection circuit against static
electricity.
X+
(0.4)
(90°)
1
2
3
Y+
Φ 2.0±0.2
Φ 3.55±0.1
Φ 0.43±0.08
Φ 4.2±0.2
1.0±0.1
Emitting Point
Z+
Emitting Point
Reference Plane
Φ
4


Similar Part No. - NDA4116

ManufacturerPart No.DatasheetDescription
NICHIA CORPORATION
NICHIA CORPORATION
NDA4116-E NICHIA-NDA4116-E Datasheet
162Kb / 3P
   Aquamarine Laser Diode?
More results

Similar Description - NDA4116

ManufacturerPart No.DatasheetDescription
NICHIA CORPORATION
NICHIA CORPORATION
NDA7175E-E NICHIA-NDA7175E-E Datasheet
193Kb / 3P
   Aquamarine Laser Diode
List of Unclassifed Manufacturers
List of Unclassifed Man...
NDHA500APAE1 ETC-NDHA500APAE1 Datasheet
162Kb / 3P
   Aquamarine Laser Diode
NICHIA CORPORATION
NICHIA CORPORATION
NDA4216 NICHIA-NDA4216 Datasheet
217Kb / 3P
   Aquamarine Laser Diode
NDHA210APAE1 NICHIA-NDHA210APAE1 Datasheet
226Kb / 3P
   Aquamarine Laser Diode
NDA4116-E NICHIA-NDA4116-E Datasheet
162Kb / 3P
   Aquamarine Laser Diode?
NDA7175 NICHIA-NDA7175 Datasheet
192Kb / 3P
   Aquamarine Laser Diode
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
   Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
   Laser Diode
NUU205E NICHIA-NUU205E_16 Datasheet
177Kb / 2P
   Laser Diode
NUV209E NICHIA-NUV209E Datasheet
121Kb / 2P
   Laser Diode
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz