Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MHW804-1 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MHW804-1
Description  4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MHW804-1 Datasheet(HTML) 2 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MHW804–1 MHW804–2
2
MOTOROLA RF DEVICE DATA
Figure 1. Power Module Test System Block Diagram
PIN
NO.
1
2
3
4
5
6
7
C1
C2
C4
C6
C8
C10
C3
C5
C7
C9
C11
Z1
Z2
L1
L2
L3
L4
L5
L6
VCONTROL
+ 3.75 Vdc
262
µA
(TYPICAL)
Vs3/Vs4
+ 7.5 Vdc
360 mA
(TYPICAL)
Vs1/Vs2
+ 7.5 Vdc
178 mA
(TYPICAL)
Vs5
+ 7.5 Vdc
986 mA
(TYPICAL)
50
OHM
LOAD
10 dB
ATTENUATOR
SIGNAL
GENERATOR
C1, C2 — 0.018
µF Chip
C3, C5, C7, C9 — 0.1
µF
C4, C6, C8, C10 — 1
µF Tantalum
C11 — 15
µF
L1, L2, L5 — 0.29
µH
L3, L4, L6 — 0.15
µH
50 Ohm Microstrip
µ
TEST FIXTURE


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn