Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2642 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2642
Description  SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2642 Datasheet(HTML) 3 Page - Linear Technology

  LTC2642 Datasheet HTML 1Page - Linear Technology LTC2642 Datasheet HTML 2Page - Linear Technology LTC2642 Datasheet HTML 3Page - Linear Technology LTC2642 Datasheet HTML 4Page - Linear Technology LTC2642 Datasheet HTML 5Page - Linear Technology LTC2642 Datasheet HTML 6Page - Linear Technology LTC2642 Datasheet HTML 7Page - Linear Technology LTC2642 Datasheet HTML 8Page - Linear Technology LTC2642 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
//htmlimg2.alldatasheet.com/htmldatasheet2/476597/LINER/LTC2642/462/3/LTC2642.png


Similar Part No. - LTC2642

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2642 LINER-LTC2642 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC2642 LINER-LTC2642 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2642 LINER-LTC2642 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2642 LINER-LTC2642 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
More results

Similar Description - LTC2642

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2883 LINER-LTM2883 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883 LINER-LTM2883_15 Datasheet
869Kb / 36P
   SPI/Digital or I2C Module Isolator with Adjustable 12.5V and 5V Regulated Power
LTM2886 LINER-LTM2886 Datasheet
999Kb / 38P
   SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
LTM2887 LINER-LTM2887 Datasheet
591Kb / 38P
   SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
LTM2892 LINER-LTM2892 Datasheet
655Kb / 38P
   SPI/Digital or I2C 關Module Isolator
LTM2892 LINER-LTM2892_15 Datasheet
649Kb / 36P
   SPI/Digital or I2C Module Isolator
logo
Analog Devices
LTM2810 AD-LTM2810 Datasheet
1Mb / 30P
   7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
logo
VTI technologies
CMA3000-D01 VTI-CMA3000-D01 Datasheet
201Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI AND I2C INTERFACE
logo
Maxim Integrated Produc...
MAX14483 MAXIM-MAX14483_V01 Datasheet
1,022Kb / 26P
   6-Channel, Low-Power, 3.75kVRMS, SPI Digital Isolator
2020
logo
National Semiconductor ...
LM4936 NSC-LM4936 Datasheet
1Mb / 28P
   Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com