Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-1908-000 Datasheet(PDF) 42 Page - ITT Industries

Part # 030-1908-000
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-1908-000 Datasheet(HTML) 42 Page - ITT Industries

Back Button 030-1908-000 Datasheet HTML 38Page - ITT Industries 030-1908-000 Datasheet HTML 39Page - ITT Industries 030-1908-000 Datasheet HTML 40Page - ITT Industries 030-1908-000 Datasheet HTML 41Page - ITT Industries 030-1908-000 Datasheet HTML 42Page - ITT Industries 030-1908-000 Datasheet HTML 43Page - ITT Industries 030-1908-000 Datasheet HTML 44Page - ITT Industries 030-1908-000 Datasheet HTML 45Page - ITT Industries 030-1908-000 Datasheet HTML 46Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 120 page
background image
P/N 225-0090-000 only
Material: Teflon
Part
Number
225-1013-000
225-0070-000
225-0071-000
225-0072-000
225-0090-000
A
C
B
A
C
B
A
C
B
A
C
B
22
20
16
12
#5 and #9 Coax
Black
Red
Blue
Yellow
White
.063 (1.6)
.085 (2.2)
.115 (2.9)
.171 (4.3)
.365 (9.3)
.040 (1.0)
.065 (1.6)
.075 (1.9)
.121 (3.1)
.287 (7.3)
.469 (11.9)
.469 (11.9)
.469 (11.9)
.564 (14.3)
.835 (21.2)
Contact
Size
Color
ABC
Part
Number
225-0094-000
225-0095-000
225-0096-000
225-0097-000
225-0098-000
225-0099-000
22
20
16
12
#5 Coax
(Pin)
#5 and #9 Coax
(Socket)
Black
Red
Blue
Yellow
White
White
.069 (1.7)
.083 (2.1)
.131 (3.3)
.187 (4.7)
.275 (7.0)
.275 (7.0)
.051 (1.3)
.069 (1.7)
.108 (2.7)
.156 (4.0)
.251 (6.4)
.251 (6.4)
.420 (10.7)
.350 (8.9)
.320 (8.1)
.320 (8.1)
.450 (11.4)
1.061 (26.9)
Contact
Size
Color
ABC
P/N 225-0099-000 only
Material: Thermoplastic
(See Customer Use Drawing for details)
* Applies to 225-0090-000
* Applies to 225-0099-000
MIL-C-81659
DPXNA/DPXNE Accessories
Sealing Plugs
42
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Filler Plugs


Similar Part No. - 030-1908-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-1908-001 ITT-030-1908-001 Datasheet
748Kb / 34P
   ARINC 404
More results

Similar Description - 030-1908-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com