Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W27C520S-90 Datasheet(PDF) 7 Page - Winbond

Part # W27C520S-90
Description  64K X 8 ELECTRICALLY ERASABLE EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27C520S-90 Datasheet(HTML) 7 Page - Winbond

Back Button W27C520S-90 Datasheet HTML 3Page - Winbond W27C520S-90 Datasheet HTML 4Page - Winbond W27C520S-90 Datasheet HTML 5Page - Winbond W27C520S-90 Datasheet HTML 6Page - Winbond W27C520S-90 Datasheet HTML 7Page - Winbond W27C520S-90 Datasheet HTML 8Page - Winbond W27C520S-90 Datasheet HTML 9Page - Winbond W27C520S-90 Datasheet HTML 10Page - Winbond W27C520S-90 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary W27C520
Publication Release Date: October 2000
- 7 -
Revision A1
DC PROGRAMMING CHARACTERISTICS
(VDD = 6.5V
±0.25V, TA = 25° C ±5° C)
PARAMETER
SYM.
CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Input Load Current
ILI
VIN = VIL or VIH
-10
-
10
µA
VDD Program Current
ICP
ALE = VIH,
OE /VPP = VPP
-
-
30
mA
VPP Program Current
IPP
ALE = VIH,
OE /VPP = VPP
-
-
30
mA
Input Low Voltage
VIL
-
-0.3
-
0.8
V
Input High Voltage
VIH
-
2.4
-
VDD +0.5
V
Output Low Voltage (Verify)
VOL
IOL = 2.1 mA
-
-
0.45
V
Output High Voltage (Verify)
VOH
IOH = -0.4 mA
2.4
-
-
V
A9 Silicon I.D. Voltage
VHH
VDD = 5V
±10%
11.5
12.0
12.5
V
VPP Program Voltage
VPP
-
12.75
13.0
13.25
V
VDD Supply Voltage (Program)
VDP
-
6.25
6.5
6.75
V
AC PROGRAMMING/ERASE CHARACTERISTICS
(VDD = 6.5V
±0.25V, TA = 25° C ±5° C)
PARAMETER
SYM.
LIMITS
UNIT
MIN.
TYP.
MAX.
OE /VPP Pulse Rise Time
TPRT
50
-
-
nS
Address Latch Enable Width
TALE
500
-
-
nS
ALE Program Pulse Width
TPPW
47.5
50
52.5
µS
ALE Erase Pulse Width
TEPW
95
100
105
mS
ALE Erase Pulse Width 1
TEPW1
47.5
50
52.5
µS
ALE Erase Pulse Width 2
TEPW2
95
100
105
mS
Latched Address Setup Time
TLAS
100
-
-
nS
Latched Address Hold Time
TLAH
100
-
-
nS
Address Setup Time
TAS
2.0
-
-
µS
Address Hold Time
TAH
0
-
-
µS
OE /VPP Setup Time
TOES
2.0
-
-
µS
OE /VPP Hold Time
TOEH
2.0
-
-
µS
Data Setup Time
TDS
2.0
-
-
µS
Data Hold Time
TDH
2.0
-
-
µS
Data Valid from
OE /VPP Low during Erase Verify
TEOE
-
-
150
nS
Data Valid from
OE /VPP Low during Program Verify
TPOE
-
-
150
nS
OE /VPP High to Output High Z
TDFP
0
-
130
nS
OE /VPP High Voltage Delay After ALE Low
TVS
2.0
-
-
µS
OE /VPP Recovery Time
TVR
2.0
-
-
µS
Note: VDD must be applied simultaneously or before VPP and removed simultaneously or after VPP.


Similar Part No. - W27C520S-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512-12 WINBOND-W27C512-12 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512-45 WINBOND-W27C512-45 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512-70 WINBOND-W27C512-70 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512-90 WINBOND-W27C512-90 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27C520S-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27L520 WINBOND-W27L520 Datasheet
105Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com