Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

00-9176003-722-006 Datasheet(PDF) 8 Page - AVX Corporation

Part # 00-9176003-722-006
Description  18-24AWG IDC WIRE TO BOARD CONNECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

00-9176003-722-006 Datasheet(HTML) 8 Page - AVX Corporation

  00-9176003-722-006 Datasheet HTML 1Page - AVX Corporation 00-9176003-722-006 Datasheet HTML 2Page - AVX Corporation 00-9176003-722-006 Datasheet HTML 3Page - AVX Corporation 00-9176003-722-006 Datasheet HTML 4Page - AVX Corporation 00-9176003-722-006 Datasheet HTML 5Page - AVX Corporation 00-9176003-722-006 Datasheet HTML 6Page - AVX Corporation 00-9176003-722-006 Datasheet HTML 7Page - AVX Corporation 00-9176003-722-006 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image


Similar Part No. - 00-9176003-722-006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00-9176 AVX-00-9176 Datasheet
1Mb / 11P
   Standard IDC 18-24 AWG: WTB
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
More results

Similar Description - 00-9176003-722-006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00-9175-00X-701-XX6 AVX-00-9175-00X-701-XX6 Datasheet
728Kb / 6P
   26-28AWG IDC WIRE TO BOARD CONNECTOR
logo
List of Unclassifed Man...
PALR-08VF ETC2-PALR-08VF Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
PA-SERIES JST-PA-SERIES Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
List of Unclassifed Man...
B02B-PASK-1LFSN ETC2-B02B-PASK-1LFSN Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B02B-PASK ETC2-B02B-PASK Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
XAF JST-XAF Datasheet
73Kb / 3P
   2.5 mm pitch/Wire-to-board (IDC disconnectable style)/Wire-to-wire (IDC disconnectable style)
logo
List of Unclassifed Man...
B06B-PASK ETC2-B06B-PASK Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
Assmann Electronics Inc...
AR18-HGW-T-R ASSMANN-AR18-HGW-T-R Datasheet
287Kb / 1P
   IDC-Socket, 18 Pin, Wire Wrap
logo
Molex Electronics Ltd.
87942-7001 MOLEX-87942-7001 Datasheet
168Kb / 2P
   Wire-to-Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com