Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE64102MLAA-Z Datasheet(PDF) 10 Page - Peregrine Semiconductor Corp.

Part # PE64102MLAA-Z
Description  UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE64102MLAA-Z Datasheet(HTML) 10 Page - Peregrine Semiconductor Corp.

Back Button PE64102MLAA-Z Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 11Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 12Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 13Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Product Specification
PE64102
Page 10 of 13
©2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0428-01 │ UltraCMOS® RFIC Solutions
Figure 17. Evaluation Board Layout
101-0700
Evaluation Board
The 101-0700 Evaluation Board (EVB) was
designed for accurate measurement of the DTC
impedance and loss. Two configurations are
available: 1 Port Shunt (J3) and 2 Port Shunt (J4,
J5). Three calibration standards are provided. The
open (J2) and short (J1) standards (104 ps delay)
are used for performing port extensions and
accounting for electrical length and transmission
line loss. The Thru (J9, J10) standard can be used
to estimate PCB transmission line losses for scalar
de-embedding of the 2 Port Shunt configuration (J4,
J5).
The board consists of a 4 layer stack with 2 outer
layers made of Rogers 4350B (εr = 3.48) and 2
inner layers of FR4 (εr = 4.80). The total thickness
of this board is 62 mils (1.57 mm). The inner layers
provide a ground plane for the transmission lines.
Each transmission line is designed using a coplanar
waveguide with ground plane (CPWG) model using
a trace width of 32 mils (0.813 mm), gap of 15 mils
(0.381 mm), and a metal thickness of 1.4 mils
(0.036 mm).


Similar Part No. - PE64102MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
More results

Similar Description - PE64102MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE64905 PEREGRINE-PE64905 Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64101 PEREGRINE-PE64101 Datasheet
579Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64904 PEREGRINE-PE64904 Datasheet
602Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64906 PSEMI-PE64906 Datasheet
374Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64907 PSEMI-PE64907 Datasheet
363Kb / 10P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC)100-3000 MHz
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com