Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE64102MLAA-Z Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # PE64102MLAA-Z
Description  UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE64102MLAA-Z Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

Back Button PE64102MLAA-Z Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE64102MLAA-Z Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Product Specification
PE64102
Page 6 of 13
©2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0428-01 │ UltraCMOS® RFIC Solutions
Serial Interface Operation and Sharing
The PE64102 is controlled by a three wire SPI-
compatible interface. As shown in Figure 14, the
serial master initiates the start of a telegram by
driving the SEN (Serial Enable) line high. Each bit
of the 8-bit telegram is clocked in on the rising
edge of the SCL (Serial Clock) line. SDA bits are
clocked by most significant bit (MSB) first, as
shown in Table 5 and Figure 14. Transactions on
SDA (Serial Data) are allowed on the falling edge
of SCL. The DTC activates the data on the falling
edge of SEN. The DTC does not count how many
bits are clocked and only maintains the last 8 bits it
received.
More than 1 DTC can be controlled by one
interface by utilizing a dedicated enable (SEN) line
for each DTC. SDA, SCL, and VDD lines may be
shared as shown in Figure 15. Dedicated SEN
lines act as a chip select such that each DTC will
only respond to serial transactions intended for
them. This makes each DTC change states
sequentially as they are programmed.
Alternatively, a dedicated SDA line with common
SEN can be used. This allows all DTCs to change
states simultaneously, but requires all DTCs to be
programmed even if the state is not changed.
Figure 14. Serial Interface Timing Diagram (oscilloscope view)
b5
b6
tR
tDHD
tDSU
1/fCLK
b7
b0
b4
b3
b2
b1
Dm-1<7:0>
Dm<7:0>
b0
Dm-2<7:0>
tEPW
tF
tESU
tEHD
SEN
SCL
SDA
DTC Data


Similar Part No. - PE64102MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
More results

Similar Description - PE64102MLAA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE64905 PEREGRINE-PE64905 Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64101 PEREGRINE-PE64101 Datasheet
579Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64904 PEREGRINE-PE64904 Datasheet
602Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64906 PSEMI-PE64906 Datasheet
374Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64907 PSEMI-PE64907 Datasheet
363Kb / 10P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC)100-3000 MHz
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com