Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK64101-11 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # EK64101-11
Description  UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

EK64101-11 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  EK64101-11 Datasheet HTML 1Page - Peregrine Semiconductor Corp. EK64101-11 Datasheet HTML 2Page - Peregrine Semiconductor Corp. EK64101-11 Datasheet HTML 3Page - Peregrine Semiconductor Corp. EK64101-11 Datasheet HTML 4Page - Peregrine Semiconductor Corp. EK64101-11 Datasheet HTML 5Page - Peregrine Semiconductor Corp. EK64101-11 Datasheet HTML 6Page - Peregrine Semiconductor Corp. EK64101-11 Datasheet HTML 7Page - Peregrine Semiconductor Corp. EK64101-11 Datasheet HTML 8Page - Peregrine Semiconductor Corp. EK64101-11 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product Specification
PE64101
Page 4 of 13
©2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0378-01 │ UltraCMOS® RFIC Solutions
Figure 6. Measured Step Size vs State
(frequency)
Figure 5. Measured Shunt S11 (major states)
Performance Plots @ 25°C and 2.8V unless otherwise specified
Figure 8. Measured Shunt C vs
Frequency (major states)
Figure 9. Measured Series S21 vs Frequency
(major states)
Figure 4. Measured Shunt C (@ 100 MHz) vs
State (temperature)
0
0.5
1
1.5
2
2.5
3
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (GHz)
Measured Series S21 vs. Frequency (major states)
C0
C1
C2
C4
C8
C16
C31
Figure 7. Measured Series S11/S22 (major states)
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
8
State
Measured Shunt C (@ 100 MHz) vs. State
5
10
15
20
25
30
50
100
150
200
State
Measured Step Size vs. State (frequency)
100 MHz
470 MHz
582 MHz
862 MHz
Measured Series S11/S22 (major states)
Frequency(.3 - 3000 MHz)
S11 C0
S22 C0
S11 C1
S22 C1
S11 C2
S22 C2
S11 C4
S22 C4
S11 C8
S22 C8
S11 C16
S22 C16
S11 C31
S22 C31


Similar Part No. - EK64101-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
EK64102-11 PEREGRINE-EK64102-11 Datasheet
999Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
More results

Similar Description - EK64101-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE64905 PEREGRINE-PE64905 Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64102 PEREGRINE-PE64102 Datasheet
999Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64904 PEREGRINE-PE64904 Datasheet
602Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64906 PSEMI-PE64906 Datasheet
374Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64907 PSEMI-PE64907 Datasheet
363Kb / 10P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC)100-3000 MHz
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com