Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W27C512-45 Datasheet(PDF) 5 Page - Winbond

Part No. W27C512-45
Description  64K X 8 ELECTRICALLY ERASABLE EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27C512-45 Datasheet(HTML) 5 Page - Winbond

  W27C512-45 Datasheet HTML 1Page - Winbond W27C512-45 Datasheet HTML 2Page - Winbond W27C512-45 Datasheet HTML 3Page - Winbond W27C512-45 Datasheet HTML 4Page - Winbond W27C512-45 Datasheet HTML 5Page - Winbond W27C512-45 Datasheet HTML 6Page - Winbond W27C512-45 Datasheet HTML 7Page - Winbond W27C512-45 Datasheet HTML 8Page - Winbond W27C512-45 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
W27C512
Publication Release Date: November 1999
- 5 -
Revision A4
CAPACITANCE
(VCC = 5V, TA = 25
° C, f = 1 MHz)
PARAMETER
SYMBOL
CONDITIONS
MAX.
UNIT
Input Capacitance
CIN
VIN = 0V
6
pF
Output Capacitance
COUT
VOUT = 0V
12
pF
AC CHARACTERISTICS
AC Test Conditions
PARAMETER
CONDITIONS
45/70 nS
90/120 nS
Input Pulse Levels
0 to 3.0V
0.45V to 2.4V
Input Rise and Fall Times
5 nS
10 nS
Input and Output Timing Reference Level
1.5V/1.5V
0.8V/2.0V
Output Load
CL = 30 pF,
IOH/IOL = -0.4 mA/2.1 mA
CL = 100 pF,
IOH/IOL = -0.4 mA/2.1 mA
AC Test Load and Waveforms
+1.3V
3.3K ohm
100 pF for 90/120 nS (Including Jig and Scope)
D
(IN914)
OUT
30 pF for 45/70 nS (Including Jig and Scope)
3.0V
0V
1.5V
Test Point
Test Point
1.5V
For 45/70 nS
For 90/120 nS
2.4V
0.45V
2.0V
0.8V
2.0V
0.8V
Test Points
Test Points
Output
Input
Output
Input


Similar Part No. - W27C512-45

ManufacturerPart No.DatasheetDescription
Winbond
Winbond
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520S-70 WINBOND-W27C520S-70 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520S-90 WINBOND-W27C520S-90 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520W-70 WINBOND-W27C520W-70 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520W-90 WINBOND-W27C520W-90 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27C512-45

ManufacturerPart No.DatasheetDescription
Winbond
Winbond
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27L520 WINBOND-W27L520 Datasheet
105Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz