Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W26020A Datasheet(PDF) 4 Page - Winbond

Part No. W26020A
Description  128K X 16 High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W26020A Datasheet(HTML) 4 Page - Winbond

  W26020A Datasheet HTML 1Page - Winbond W26020A Datasheet HTML 2Page - Winbond W26020A Datasheet HTML 3Page - Winbond W26020A Datasheet HTML 4Page - Winbond W26020A Datasheet HTML 5Page - Winbond W26020A Datasheet HTML 6Page - Winbond W26020A Datasheet HTML 7Page - Winbond W26020A Datasheet HTML 8Page - Winbond W26020A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
W26020A
- 4 -
AC Test Loads and Waveform
R1 480 ohm
5V
OUTPUT
R2
255 ohm
5 pF
R2
255 ohm
R1 480 ohm
5V
OUTPUT
30 pF
Including
Jig and
Scope
90%
90%
3 nS
10%
3 nS
10%
3.0V
0V
Including
Jig and
Scope
)
( For T
T
TOLZ, T
TWHZ, TOW
T
CLZ,
BLZ,
CHZ,
BHZ, TOHZ,
Read Cycle
(VDD = 5V
±10%, VSS = 0V, TA = 0 to 70° C)
PARAMETER
SYM.
W26020A-20
W26020A-25
UNIT
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
TRC
20
-
25
-
nS
Address Access Time
TAA
20
25
nS
Chip Select Access Time
TACS
20
25
nS
Output Enable to Output Valid
TAOE
10
12
nS
UB , LB Access Time
TBA
10
12
nS
Output Hold from Address Change
TOH
4
5
nS
Chip Select to Output in Low Z
TCLZ*
3
5
nS
Chip Deselect to Output in High Z
TCHZ*
10
12
nS
Output Enable to Output in Low Z
TOLZ*
0
0
nS
Output Disable to Output in High Z
TOHZ*
10
12
nS
UB , LB Select to Output in Low Z
TBLZ*
0
0
nS
UB
, LB Deselect to Output in High Z
TBHZ*
10
12
nS
∗ These parameters are sampled but not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
T14M1024A 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
W24L010A 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
W24L011A 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
W24L11 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
IC62C1024 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Integrated Circuit Solution Inc
T14L1024A 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
P3C1024 HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM 1  2  List of Unclassifed Manufacturers
T14L1024N 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
P4C1024 HIGH SPEED 128K X 8 CMOS STATIC RAM 1  2  3  4  5  More Pyramid Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn