Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W26020A Datasheet(PDF) 3 Page - Winbond

Part No. W26020A
Description  128K X 16 High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W26020A Datasheet(HTML) 3 Page - Winbond

  W26020A Datasheet HTML 1Page - Winbond W26020A Datasheet HTML 2Page - Winbond W26020A Datasheet HTML 3Page - Winbond W26020A Datasheet HTML 4Page - Winbond W26020A Datasheet HTML 5Page - Winbond W26020A Datasheet HTML 6Page - Winbond W26020A Datasheet HTML 7Page - Winbond W26020A Datasheet HTML 8Page - Winbond W26020A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
W26020A
Publication Release Date: July 1998
- 3 -
Revision A3
Operating Characteristics, continued
PARAMETER
SYM.
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Power
IDD
CS = VIL (max.),
20
-
-
220
mA
Supply Current
I/O = Open, Cycle = min.
Duty = 100
%
25
-
-
200
Standby Power
ISB
CS = VIH (min.), Cycle = min.
-
-
50
mA
Supply Current
ISB1
CS = VDD -0.2V, I/O = open
All other pins = VDD -0.2V/GND
-
-
10
mA
Note: Typical characteristics are evaluated at VDD = 5V, TA = 25
° C.
CAPACITANCE
(VDD = 5 V, TA = 25
° C, f = 1 MHz)
PARAMETER
SYM.
CONDITIONS
MAX.
UNIT
Input Capacitance
CIN
VIN = 0V
6
pF
Input/Output Capacitance
CI/O
VOUT = 0V
8
pF
Note: These parameters are sampled but not 100% tested.
AC CHARACTERISTICS
AC Test Conditions
PARAMETER
CONDITIONS
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3 nS
Input and Output Timing Reference Level
1.5V
Output Load
CL = 30 pF, IOH/IOL = -4 mA/8 mA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
T14M1024A 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
W24L010A 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
W24L011A 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
W24L11 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
IC62C1024 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Integrated Circuit Solution Inc
T14L1024A 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
P3C1024 HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM 1  2  List of Unclassifed Manufacturers
T14L1024N 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
P4C1024 HIGH SPEED 128K X 8 CMOS STATIC RAM 1  2  3  4  5  More Pyramid Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn