Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W26020A Datasheet(PDF) 2 Page - Winbond

Part No. W26020A
Description  128K X 16 High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W26020A Datasheet(HTML) 2 Page - Winbond

  W26020A Datasheet HTML 1Page - Winbond W26020A Datasheet HTML 2Page - Winbond W26020A Datasheet HTML 3Page - Winbond W26020A Datasheet HTML 4Page - Winbond W26020A Datasheet HTML 5Page - Winbond W26020A Datasheet HTML 6Page - Winbond W26020A Datasheet HTML 7Page - Winbond W26020A Datasheet HTML 8Page - Winbond W26020A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
W26020A
- 2 -
TRUTH TABLE
CS
OE
WE
LB
UB
MODE
I/O1
−I/O8
I/O9
−I/O16
VDD
CURRENT
H
X
X
X
X
Not Selected
High Z
High Z
ISB, ISB1
L
H
H
X
X
Output Disable
High Z
High Z
IDD
L
L
H
L
L
2 Bytes Read
DOUT
DOUT
IDD
L
L
H
L
H
Lower Byte Read
DOUT
High Z
IDD
L
L
H
H
L
Upper Byte Read
High Z
DOUT
IDD
L
X
L
L
L
2 Bytes Write
DIN
DIN
IDD
L
X
L
L
H
Lower Byte Write
DIN
High Z
IDD
L
X
L
H
L
Upper Byte Write
High Z
DIN
IDD
L
X
X
H
H
Output Disable
High Z
High Z
IDD
DC CHARACTERISTICS
Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Supply Voltage to VSS Potential
-0.5 to +7.0
V
Input/Output to VSS Potential
-0.5 to VDD +0.5
V
Allowable Power Dissipation
1.5
W
Storage Temperature
-65 to +150
°C
Operating Temperature
0 to +70
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the
device.
Operating Characteristics
(VDD = 5V
±10%, VSS = 0V, TA = 0 to 70° C)
PARAMETER
SYM.
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Low Voltage
VIL
-
-0.5
-
+0.8
V
Input High Voltage
VIH
-
+2.2
-
VDD +0.5
V
Input Leakage Current
ILI
VIN = VSS to VDD
-10
-
+10
µA
Output Leakage
Current
ILO
VI/O = VSS to VDD
Output Pins in High Z,
See Truth Table
-10
-
+10
µA
Output Low Voltage
VOL
IOL = +8.0 mA
-
-
0.4
V
Output High Voltage
VOH
IOH = -4.0 mA
2.4
-
-
V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
T14M1024A 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
W24L010A 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
W24L011A 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
W24L11 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
IC62C1024 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Integrated Circuit Solution Inc
T14L1024A 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
P3C1024 HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM 1  2  List of Unclassifed Manufacturers
T14L1024N 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
P4C1024 HIGH SPEED 128K X 8 CMOS STATIC RAM 1  2  3  4  5  More Pyramid Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn