Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W24L257A Datasheet(PDF) 2 Page - Winbond

Part No. W24L257A
Description  32K X 8 High Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L257A Datasheet(HTML) 2 Page - Winbond

  W24L257A Datasheet HTML 1Page - Winbond W24L257A Datasheet HTML 2Page - Winbond W24L257A Datasheet HTML 3Page - Winbond W24L257A Datasheet HTML 4Page - Winbond W24L257A Datasheet HTML 5Page - Winbond W24L257A Datasheet HTML 6Page - Winbond W24L257A Datasheet HTML 7Page - Winbond W24L257A Datasheet HTML 8Page - Winbond W24L257A Datasheet HTML 9Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
W24L257A
- 2 -
TRUTH TABLE
CS
OE
WE
MODE
I/O1
−I/O8
VDD CURRENT
H
X
X
Not Selected
High Z
ISB, ISB1
L
H
H
Output Disable
High Z
IDD
L
L
H
Read
Data Out
IDD
L
X
L
Write
Data In
IDD
DC CHARACTERISTICS
Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Supply Voltage to VSS Potential
-0.5 to +4.6
V
Input/Output to VSS Potential
-0.5 to VDD +0.5
V
Allowable Power Dissipation
1.0
W
Storage Temperature
-65 to +150
°C
Operating Temperature
0 to +70
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the
device.
Operating Characteristics
(VDD = 3.3V
± 5%, VSS = 0V, Ta = 0 to 70° C)
PARAMETER
SYM
.
TEST CONDITIONS
MIN
.
TYP
.
MAX.
UNIT
Input Low Voltage
VIL
-
-0.5
-
+0.8
V
Input High Voltage
VIH
-
+2.0
-
VDD +0.3
V
Input Leakage Current
ILI
VIN = VSS to VDD
-10
-
+10
µA
Output Leakage
Current
ILO
VI/O = VSS to VDD, CS = VIH (min.)
or OE = VIH (min.) or WE = VIL (max.)
-10
-
+ 10
µA
Output Low Voltage
VOL
IOL = +8.0 mA
-
-
0.4
V
Output High Voltage
VOH
IOH = -4.0 mA
2.4
-
-
V
Operating Power
IDD
CS = VIL (max.), I/O = 0 mA
12
-
-
150
mA
Supply Current
Cycle = min.
15
-
-
120
mA
Duty = 100%
20
-
-
100
mA
Standby Power
Supply Current
ISB
CS = VIH (min.), Cycle = min.
Duty = 100%
-
-
20
mA
ISB1
CS
≥ VDD -0.2V
-
-
200
µA
Note: Typical characteristics are at VDD = 3.3V, Ta = 25
° C.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MS62256H 32K x 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Mosel Vitelic, Corp
W24257A 32K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
W24257AJ-8N 32K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
CXK58256 32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Sony Corporation
P4C1256 HIGH SPEED 32K x 8 STATIC CMOS RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
P4C147 ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
CXK5V16100TM 65536-word X 16-bit High Speed CMOS Static RAM 1  2  3  4  5  More Sony Corporation
IC61LV25616 256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1  2  3  4  5  More Integrated Circuit Solution Inc
T14L256A 32K X 8 HIGH SPEED CMOS STATIC RAM  1  2  3  4  5  More Taiwan Memory Technology
GLT7256L08 Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn