Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPKB-101SX-7 Datasheet(PDF) 5 Page - ITT Industries

Part # DPKB-101SX-7
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DPKB-101SX-7 Datasheet(HTML) 5 Page - ITT Industries

  DPKB-101SX-7 Datasheet HTML 1Page - ITT Industries DPKB-101SX-7 Datasheet HTML 2Page - ITT Industries DPKB-101SX-7 Datasheet HTML 3Page - ITT Industries DPKB-101SX-7 Datasheet HTML 4Page - ITT Industries DPKB-101SX-7 Datasheet HTML 5Page - ITT Industries DPKB-101SX-7 Datasheet HTML 6Page - ITT Industries DPKB-101SX-7 Datasheet HTML 7Page - ITT Industries DPKB-101SX-7 Datasheet HTML 8Page - ITT Industries DPKB-101SX-7 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 120 page
background image
ARINC 600
BKAD/E/F
How to Order
5
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
* = For Polarizing Position greater then 99, add third digit.
CONNECTOR SERIES
CLASS
SHELL SIZE
CONNECTOR LAYOUT DESCRIPTION
SIZE 1 COAX INSERT MODIFIER
SHELL STYLE
CONNECTOR MOUNTING MODIFIER
POLARIZING POSITION
MODIFIER (Contact, Finish, Material)
D
2
A234
M
3
00
01 *
F0
CONNECTOR SERIES
SHELL STYLE
CONNECTOR MOUNTING MODIFIER
CLASS
Non-environmental (rear release, crimp
contacts)
Environmental (rear release, crimp contacts)
Non-environmental (front release, solder
and wrap post
#22 contact, rear release
all others)
Same as E, except uses
BKAD shells and
Less
0 rings on plug side.
Non-environmental connector using filtered
contacts
Max. contact capacity -
125
Max. contact capacity -
400
Max. contact capacity -
800
Connector contains modified 71W1 or
2W2 insert (four MTG screw hole
locations and coaxial contact used in this
insert are interchangeable between
different manufacturers
Plug (rack side)
Receptacle (box side)
Standard design, .148 dia. holes
With #6-32 ESNA (#12 NCFMA2-62) clinch
nuts (see chart)
Size 1 receptacle only - less 3 printed circuit
board mounting lugs
With #4-40 ESNA (#22 NCFMA2-40) clinch
nuts (see chart)
Size 2 and 3 plug and receptacle only - with
#4-40 ESNA (#22 NCFMA2-40) clinch nuts
(all mounting holes)
Size 2 and 3 plug and receptacle only - with
#6-32 ESNA (#12 NCFMA2-62) clinch nuts
(all mounting holes)
Same as - 00 mounting modification except
with nickel finished shells .0008 - .0012 thick
with EMI grounding spring for plug shells and
supplied with non-environmental inserts.
With floating eyelets (.048 min. radial float)
4 corner holes per connector.
Consult Customer Service if other modifications are required
SHELL SIZE
CONNECTOR LAYOUT DESCRIPTION
SIZE 1 COAX INSERT MODIFIER
NOTE: A dash must be inserted whenever code does not apply.
D
BKA (Per ARINC 600)
E
F
C
T
3 -
4 -
00 -
01 -
02 -
03 -
08 -
09 -
22 -
23 -
M
1
2
3
(See page 8)
-
-
-
-
-
-
-
-
-
Connector
Size
1
2
3
4
4
8
4
6
10
Number of Clinch Nuts
Plug
Receptacle
RoHS version
RoHS compatible
R
-
RoHS
R
BKA


Similar Part No. - DPKB-101SX-7

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DPK01000S SYNERGY-DPK01000S Datasheet
695Kb / 2P
   16-WAY RESISTIVE SPLITTER
More results

Similar Description - DPKB-101SX-7

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com