Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS7887B Datasheet(PDF) 6 Page - Touchstone Semiconductor Inc

Part # TS7887B
Description  A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS7887B Datasheet(HTML) 6 Page - Touchstone Semiconductor Inc

Back Button TS7887B Datasheet HTML 2Page - Touchstone Semiconductor Inc TS7887B Datasheet HTML 3Page - Touchstone Semiconductor Inc TS7887B Datasheet HTML 4Page - Touchstone Semiconductor Inc TS7887B Datasheet HTML 5Page - Touchstone Semiconductor Inc TS7887B Datasheet HTML 6Page - Touchstone Semiconductor Inc TS7887B Datasheet HTML 7Page - Touchstone Semiconductor Inc TS7887B Datasheet HTML 8Page - Touchstone Semiconductor Inc TS7887B Datasheet HTML 9Page - Touchstone Semiconductor Inc TS7887B Datasheet HTML 10Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TSA7887
Page 6
TSA7887DS r1p0
RTFDS
TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Rejection vs Frequency
-97
-93
-89
-85
-77
FREQUENCY - kHz
-81
2.65
23.2
33.7
43.9
12.9
54.4
64.2
VDD = 2.7V/5.5V
REFIN (External) = 2.488V
100mVPP Sine Wave on VDD
VDD = 5V
REFIN (External) = 5V
Signal-to-Noise Ratio vs Frequency
70
70.5
71
72
71.5
0.7
21.4
31.8
42.1
11
FREQUENCY - kHz
Dynamic Performance vs Frequency
-140
-100
-80
-60
-40
0
FREQUENCY - kHz
-20
0
20
30
40
10
50
-120
60
4096-point FFT
125kHz Sampling Rate
10kHz Fundamental


Similar Part No. - TS7887B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TS788 SANYO-TS788 Datasheet
9Kb / 1P
   N- channel Junction FET Electret Condenser Microphone
More results

Similar Description - TS7887B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Touchstone Semiconducto...
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001 SILABS-TS7001 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com