Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0263.250WRT3- Datasheet(PDF) 3 Page - Littelfuse

Part # 0263.250WRT3-
Description  263 Series, PICO짰 II 250 Volt, Very Fast-Acting Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0263.250WRT3- Datasheet(HTML) 3 Page - Littelfuse

  0263.250WRT3- Datasheet HTML 1Page - Littelfuse 0263.250WRT3- Datasheet HTML 2Page - Littelfuse 0263.250WRT3- Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
209
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
263 Series
Please refer to www.littelfuse.com/series/263.html for current information.
PICO® ll > Very Fast-Acting > 263 Series
Materials
:
leads
Solderability
Product Marking
Operating
Temperature
Shock
Product Characteristics
Vibration
Peak)
Salt Spray
Insulation Resistance
(After Opening):
Resistance to Soldering
Heat
Thermal Shock
Moisture Resistance
Lead Pull Force
axial pull test)
F
L 3 1/2 A
250 V
F
L 3 1/2 A
250 V
27.78
(1.094")
27.78
(1.094")
7.11 (.280")
62.7 (2.468")
52.4 (2.062")*
0.64 (.025")
3.94 (.16")
MAX
6.35 (.25")
tape
5.0 (.197")
6.35 (.25")
tape
Dimensions
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
T1: 52.4mm (2.062”)
Tape and Reel
EIA 296
Part Numbering System
0263 xxxx W R T1 L
Lead Length
Type of Packaging
Quantity
Current Rating
Series
T1: 52.4mm (2.062”)*
RoHS + HF
R = Reel
A = Ammo Pack
X = Loose Pack
W = 3000
M = 1000
H = 100
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 0263.250WRT3-

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0263.250 LITTELFUSE-0263.250 Datasheet
63Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
0263.250M LITTELFUSE-0263.250M Datasheet
63Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
0263.250M- LITTELFUSE-0263.250M- Datasheet
63Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
More results

Similar Description - 0263.250WRT3-

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0251.062HAT1L LITTELFUSE-0251.062HAT1L Datasheet
289Kb / 4P
   251/253 Series, PICO짰 II, Very Fast-Acting Fuse
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
0265.062V LITTELFUSE-0265.062V Datasheet
193Kb / 4P
   265/266/267 Series, PICO짰, Very Fast-Acting Fuse (High-Reliability)
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
   316 Series PICO짰II, Very Fast-Acting Fuse
logo
Eaton All Rights Reserv...
SS-5F EATON-SS-5F Datasheet
830Kb / 5P
   250 V Fast-acting subminiature fuse
logo
Littelfuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
451 LITTELFUSE-451 Datasheet
102Kb / 1P
   NANO2 FUSE Very Fast-Acting 451/453 Series
0263001.MXL LITTELFUSE-0263001.MXL Datasheet
185Kb / 3P
   Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 263 Series
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com