Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD2065-E00-4CH02N Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # SD2065-E00-4CH02N
Description  BNC 75 PLUG FOR TACHII TCX-4CHD (ROHS COMPLIANT)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SD2065-E00-4CH02N Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  SD2065-E00-4CH02N Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.305 7.75
.270 6.86
.173 4.39
.591 15.00
(
1.372
)
34.85
WHEN ASSEMBLED
.240 6.10
MARKING:
KINGS + 2065 + CABLE CODE +
DATE CODE + LOCATION CODE
SEE NOTE 8
.138 3.51
.748 19.00
.354 8.99
CATALOG P/N: 2065-E00-4CH02N
NOTES: UNLESS OTHERWISE SPECIFIED
1. FOR GENERAL SERIES SPECIFICATIONS, SEE SDPRF-206.
2. MATERIAL SPECIFICATIONS:
BAYONET SLEEVE, BODY, CONTACT, FERRULE: BRASS PER ASTM B16
INSULATOR: TEFLON PER ASTM D1710
SPRING WASHER, OUTER CONTACT: BERYLLIUM COPPER, ASTM-B-194
GASKET: SILICONE RUBBER
3. FINISH SPECIFICATIONS:
BAYONET SLEEVE, BODY, FERRULE: .000100MIN NICKEL PER AMS-QQ-N-290
OVER COPPER FLASH PER ASTM B734 (ROHS)
CONTACT: .000030 MIN. GOLD PER ASTM B488, OVER NICKEL PER AMS-QQ-N-290 (ROHS)
SPRING WASHER: .000200 MIN SILVER PER QQ-S-365 OVER COPPER PER ASTM B734 (ROHS)
ALL OTHER METAL PARTS: .000050 MIN NICKEL PER AMS-QQ-N290 OVER
.000050 MIN COPPER PER ASTM B734 (ROHS)
4. CONTACT AND FERRULE SHIPPED LOOSE.
5. FOR USE WITH TACHII CABLE TCX-4CHD OR EQUIVALENT.
6. FOR CRIMPING USE KINGS KTH-5000 & KTH-5009 (.268 HEX, .054 SQUARE FLAT).
7. ASSEMBLE TO CABLE USING CAP-E01.
8. THESE AREA DON'T HAVE WHITE MARKING.
9. ELECTRIC SPECIFICATIONS:
IMPEDANCE: 75 OHMS
FREQUENCY RANGE: DC TO 3 GHz
RETURN LOSS: 25 dB MIN (DC TO 3 GHz)
RECOMMENDED CABLE
TRIMMING DIMENSIONS
A
BNC 75 PLUG
FOR TACHII TCX-4CHD
(ROHS COMPLIANT)
BY
DATE APPD
RELEASED PER
ECR-ER22654
DESCRIPTION
B
REV
XX/XX/XX
XXX
DATE
APPROVED
XX/XX/XX
XXX
DATE
APPROVED
04/13/09
CTC
DATE
APPROVED
04/13/09
CY
DATE
DRAWN
CUSTOMER
SALES DRAWING
PER ASME Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES:
DECIMAL: .XX [X.X] ± .01 [0.3]
.XXX [X.XX] ± .005 [0.13]
.XXXX [X.XXX] ± .XXXX
ANGLES: ± 2°
SCALE: 2:1
SHT
REV
OF
B
1 1
SD2065-E00-4CH02N
Winchester Electronics Corporation
62 Barnes Industrial Road North
Wallingford, Connecticut 06492
THIRD
ANGLE
DMF026 B


Similar Part No. - SD2065-E00-4CH02N

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD2065-E00-4CH01N WINCHESTER-SD2065-E00-4CH01N Datasheet
32Kb / 1P
   BNC 75 OHM PLUG FOR TACHII TCX-4CHD CABLE (ROHS COMPLIANT)
More results

Similar Description - SD2065-E00-4CH02N

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD2065-E00-4CH01N WINCHESTER-SD2065-E00-4CH01N Datasheet
32Kb / 1P
   BNC 75 OHM PLUG FOR TACHII TCX-4CHD CABLE (ROHS COMPLIANT)
SD2065-E00-3C202N WINCHESTER-SD2065-E00-3C202N Datasheet
109Kb / 1P
   BNC 75 PLUG FOR TACHII TCX-3C2V(S) (ROHS COMPLIANT)
SD2065-E00-3CH01N WINCHESTER-SD2065-E00-3CH01N Datasheet
111Kb / 1P
   BNC 75 PLUG FOR TACHII TCX-3CHD (ROHS COMPLIANT)
SD2065-E00-3CH02N WINCHESTER-SD2065-E00-3CH02N Datasheet
109Kb / 1P
   BNC 75 PLUG FOR TACHII TCX-3CHD (ROHS COMPLIANT)
SD2065-E00-5C201N WINCHESTER-SD2065-E00-5C201N Datasheet
32Kb / 1P
   BNC 75 PLUG FOR TACHII TCX-5C2V(S) (ROHS COMPLIANT)
SD2065-E00-5C202N WINCHESTER-SD2065-E00-5C202N Datasheet
108Kb / 1P
   BNC 75 PLUG FOR TACHII TCX-5C2V(S) (ROHS COMPLIANT)
SD2065-E00-3C201N WINCHESTER-SD2065-E00-3C201N Datasheet
95Kb / 1P
   BNC 75 PLUG FOR TACHII TCX-3C2V(S) (ROHS COMPLIANT)
SD2065-E00-3CF01N WINCHESTER-SD2065-E00-3CF01N Datasheet
95Kb / 1P
   BNC 75 PLUG FOR TACHII TCX-3C2V(S) (ROHS COMPLIANT)
SD2065-E00-3CW01N WINCHESTER-SD2065-E00-3CW01N Datasheet
95Kb / 1P
   BNC 75 OHM PLUG FOR TACHII TCX-3CFWS CABLE (ROHS COMPLIANT)
SD2065-E00-5CF01N WINCHESTER-SD2065-E00-5CF01N Datasheet
95Kb / 1P
   BNC 75 PLUG FOR TACHII TCX-5CFBL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com