Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1737310000 Datasheet(PDF) 16 Page - Weidmuller

Part No. 1737310000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1737310000 Datasheet(HTML) 16 Page - Weidmuller

Back Button 1737310000 Datasheet HTML 12Page - Weidmuller 1737310000 Datasheet HTML 13Page - Weidmuller 1737310000 Datasheet HTML 14Page - Weidmuller 1737310000 Datasheet HTML 15Page - Weidmuller 1737310000 Datasheet HTML 16Page - Weidmuller 1737310000 Datasheet HTML 17Page - Weidmuller 1737310000 Datasheet HTML 18Page - Weidmuller 1737310000 Datasheet HTML 19Page - Weidmuller 1737310000 Datasheet HTML 20Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Cable glands
59
Technical data
Material:
Polyamide
Temperature:
-40°C ... +100°C
Protection class:
IP54 (with thread sealing ring Type GWDR ...-PO = IP66)
ATEX granted
Colour:
similar Black RAL 9005
Sealing plug plastic EExe
Sealing plug brass EExe / EExd
Technical data
Material:
Nickel plated brass
Temperature:
-40°C ... +100°C
Protection class:
IP54 (with thread sealing ring Type GWDR ...-NP = IP66)
ATEX granted
Sealing plugs for Ex areas in accordance with LCIE 97ATEX6003X.
Also available with metric ISO thread
Hexagon head version for Ex-areas (EExe II).
Approvals in accordance with LCIE 98ATEX0001X.
Also available with metric ISO thread.
Ordering data
Type
Thread
L
L1
SW
Qty.
Cat. No.
Metric sealing plug, plastic EExe
VP M 16-Exe SW
M 16 x 1.5
19
15
19
50
1737070000
VP M 20-Exe SW
M 20 x 1.5
19
15
23
50
1737080000
VP M 25-Exe SW
M 25 x 1.5
20
15
28
25
1737090000
VP M 32-Exe SW
M 32 x 1.5
20.5
15
36
20
1737100000
VP M 40-Exe SW
M 40 x 1.5
20.5
15
44
10
1737110000
VP M 50-Exe SW
M 50 x 1.5
21
15
54
5
1737120000
VP M 63-Exe SW
M 63 x 1.5
21.5
15
67
5
1737130000
PG sealing plug, plastic EExe
VP 7-Exe SW
PG 7
12
8
15
50
1719280000
VP 9-Exe SW
PG 9
14.5
10
19
50
1719290000
VP 11-Exe SW
PG 11
15
10.5
22
50
1569380000
VP 13.5-Exe SW
PG 13.5
16
11
24
50
1569390000
VP 16-Exe SW
PG 16
17
12
27
25
1569400000
VP 21-Exe SW
PG 21
18
12.5
32
20
1569410000
VP 29-Exe SW
PG 29
19
13.5
40
20
1719300000
VP 36-Exe SW
PG 36
21
15
54
10
1719310000
VP 42-Exe SW
PG 42
21.5
15
59
10
1719320000
VP 48-Exe SW
PG 48
22
15.5
64
5
1719330000
all sizes in mm
Ordering data
Type
Thread
L
L1
SW
Qty.
Cat. No.
Metric sealing plug, brass EExe
VP M 16-Exe SW
M 16 x 1.5
18
15
18
50
1737140000
VP M 20-Exe SW
M 20 x 1.5
18
15
23
50
1737150000
VP M 25-Exe SW
M 25 x 1.5
18.5
15
28
25
1737160000
VP M 32-Exe SW
M 32 x 1.5
19
15
36
20
1737170000
VP M 40-Exe SW
M 40 x 1.5
19
15
44
10
1737180000
VP M 50-Exe SW
M 50 x 1.5
21
16
54
5
1737190000
VP M 63-Exe SW
M 63 x 1.5
24
17
67
5
1737200000
PG sealing plug, brass EExe
VP 7-Exe MS
PG 7
18
15
15
50
1719340000
VP 9-Exe MS
PG 9
18
15
18
50
1719350000
VP 11-Exe MS
PG 11
18
15
21
50
1719360000
VP 13.5-Exe MS
PG 13.5
18
15
23
50
1719370000
VP 16-Exe MS
PG 16
18
15
26
25
1719380000
VP 21-Exe MS
PG 21
18
15
32
20
1719390000
VP 29-Exe MS
PG 29
19
15
41
20
1719400000
VP 36-Exe MS
PG 36
20
15
51
10
1719410000
VP 42-Exe MS
PG 42
20
15
58
10
1719420000
VP 48-Exe MS
PG 48
20.5
15
64
5
1719430000
all sizes in mm
Thread
Thread
T
T


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn