Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1737310000 Datasheet(PDF) 12 Page - Weidmuller

Part No. 1737310000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1737310000 Datasheet(HTML) 12 Page - Weidmuller

Back Button 1737310000 Datasheet HTML 8Page - Weidmuller 1737310000 Datasheet HTML 9Page - Weidmuller 1737310000 Datasheet HTML 10Page - Weidmuller 1737310000 Datasheet HTML 11Page - Weidmuller 1737310000 Datasheet HTML 12Page - Weidmuller 1737310000 Datasheet HTML 13Page - Weidmuller 1737310000 Datasheet HTML 14Page - Weidmuller 1737310000 Datasheet HTML 15Page - Weidmuller 1737310000 Datasheet HTML 16Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Cable glands
55
Lock nut with EMC
Lock nut brass
These lock nuts are equipped with six cutting elements, which
cut into the painted insulating layer of the enclosure; thus creat-
ing an optimum contact.
Lock nut for securing brass cable glands in accordance with
DIN 46320
Technical data
Material:
Nickel plated brass
Technical data
Material:
Nickel plated brass (on request stainless steel)
Ordering data
Type
Thread
D
S
SW
Qty.
Cat. No.
Metric gland lock nut EMC brass
approx.
SKMU EMC M10
M 10 x 1
3.10
1.0
12
100
1777600000
SKMU EMC M12
M 12 x 1.5
3.60
1.0
14
100
1777610000
SKMU EMC M16
M 16 x 1.5
3.60
1.0
18
100
1777620000
SKMU EMC M20
M 20 x 1.5
3.60
1.0
23
100
1777630000
SKMU EMC M25
M 25 x 1.5
3.60
1.0
28
50
1777640000
SKMU EMC M32
M 32 x 1.5
4.10
1.0
36
25
1777650000
SKMU EMC M40
M 40 x 1.5
4.60
1.0
44
25
1777660000
SKMU EMC M50
M 50 x 1.5
4.60
1.0
54
10
1777670000
SKMU EMC M63
M 63 x 1.5
6.60
1.0
70
10
1777680000
PG gland lock nut brass with EMC
SKMU EMC Pg7
PG 7
4.7
1.0
15
20
1718900000
SKMU EMC Pg9
PG 9
4.7
1.0
18
20
1718910000
SKMU EMC Pg11
PG 11
4.7
1.0
21
20
1718920000
SKMU EMC Pg13.5
PG 13.5
4.7
1.0
23
10
1718930000
SKMU EMC Pg16
PG 16
4.7
1.0
26
10
1718940000
SKMU EMC Pg21
PG 21
5.2
1.0
32
10
1718950000
SKMU EMC Pg29
PG 29
5.7
1.0
41
5
1718960000
all sizes in mm
Ordering data
Type
Thread
D
SW
Qty.
Cat. No.
Metric gland lock nut brass
SKMU M 12-MS
M 12 x 1.5
2.8
14
50
1772360000
SKMU M 16-MS
M 16 x 1.5
2.8
18
50
1736990000
SKMU M 20-MS
M 20 x 1.5
3
23
50
1737000000
SKMU M 25-MS
M 25 x 1.5
3
28
25
1737010000
SKMU M 32-MS
M 32 x 1.5
4
36
20
1737020000
SKMU M 40-MS
M 40 x 1.5
4.5
44
10
1737030000
SKMU M 50-MS
M 50 x 1.5
5
54
5
1737040000
SKMU M 63-MS
M 63 x 1.5
6
70
5
1737050000
SKMU M 75-MS
M 75 x 1.5
8
85
5
1737060000
PG gland lock nut brass
SKMU Pg7-MS
PG 7
2.8
15
50
1694070000
SKMU Pg9-MS
PG 9
2.8
18
50
1694080000
SKMU Pg11-MS
PG 11
3.0
21
50
1694090000
SKMU Pg13.5-MS
PG 13.5
3.0
23
50
1694100000
SKMU Pg16-MS
PG 16
3.0
26
25
1694110000
SKMU Pg21-MS
PG 21
3.5
32
20
1719200000
SKMU Pg29-MS
PG 29
4.0
41
20
1719210000
SKMU Pg36-MS
PG 36
5.0
51
10
1719220000
SKMU Pg42-MS
PG 42
5.0
58
10
1719230000
SKMU Pg48-MS
PG 48
5.5
64
5
1719240000
all sizes in mm
Thread
Thread


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn