Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1737310000 Datasheet(PDF) 20 Page - Weidmuller

Part No. 1737310000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1737310000 Datasheet(HTML) 20 Page - Weidmuller

Back Button 1737310000 Datasheet HTML 14Page - Weidmuller 1737310000 Datasheet HTML 15Page - Weidmuller 1737310000 Datasheet HTML 16Page - Weidmuller 1737310000 Datasheet HTML 17Page - Weidmuller 1737310000 Datasheet HTML 18Page - Weidmuller 1737310000 Datasheet HTML 19Page - Weidmuller 1737310000 Datasheet HTML 20Page - Weidmuller 1737310000 Datasheet HTML 21Page - Weidmuller 1737310000 Datasheet HTML 22Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Cable glands
63
Technical data
Material:
Nickel plated brass
The earthing ring is slid over the entry thread. An improved con-
nection between the enclosure and earth or other conductive
components is created by the use of earthing rings.
Ordering data
Type
Thread
A
B
C
D
E
Qty.
Cat. No.
Metric safety washers, brass
EA-RING MS/M 16
M 16
48.75
30
6.75
24.50
13
20
1736480000
EA-RING MS/M 20
M 20
53.80
33
7
28.60
13
20
1736490000
EA-RING MS/M 25
M 20
61.50
36
10.50
34
17
20
1736500000
EA-RING MS/M 32
M 32
73
41
12.20
42
22
20
1736510000
EA-RING MS/M 40
M 40
86.50
44.50
13.50
54
30
10
1736520000
EA-RING MS/M 50
M 50
111.50
58
13.50
67
40
10
1736530000
EA-RING MS/M 63
M 63
125.50
67
13.50
77
40
10
1736540000
EA-RING MS/M 75
M 75
137.50
73
13.50
89
40
10
1736550000
all sizes in mm
Accessories
Earthing ring, brass
Technical data
Operating temperature
- 40°C to + 100°C
Protection class
IP 69 K
Material
PBT- GF 20
Colour
similar to grey RAL 7038 / black RAL 9005
Connection thread
PG7
Osmotic potential of membrane
> 0.6 bar (membrane side)
Air flow rate, at 70 mbar.
≥ 12I /h
Membrane characteristics
water and oil resistant
Weathering behaviour
No or very slight yellowing
(Xenotest 3.600 h)
and alteration of the surface
No significant alteration to the
mechanical characteristics
Ordering data
Type
Thread
Qty.
Cat. No.
DAE PG 7
grey
PG7
10
1753530000
DAE M 12
black
M12
10
1806480000
Enclosures for electrical and electronic modules are used in envi-
ronments with harsh climate changes. Temperature fluctuations
can lead to considerable pressure fluctuations within a liquid-
tight container. If negative pressure levels resulting from temper-
ature fluctuations are sufficient, moist air will penetrate in to the
enclosure to compensate the pressure. After a number of tem-
perature fluctuation cycles, condensation can form in the enclo-
sure if ventilation via the seal is inadequate.
Our GORE-TEX® pressure compensation element, DAE PG,
protects electrical and electronic components against failure: the
enclosure can "breathe" even though according to IP standards
it is liquid-tight.
Pressure compensating
elements


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn