Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0259.250M Datasheet(PDF) 1 Page - Littelfuse

Part # 0259.250M
Description  Safe-T-Plus Fuse 259 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0259.250M Datasheet(HTML) 1 Page - Littelfuse

  0259.250M Datasheet HTML 1Page - Littelfuse 0259.250M Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Special Application Fuses
Safe-T-Plus Fuse 259 Series
259 Series Safe-T-Plus Fuse
Please refer to www.littelfuse.com/series/259.html for current information.
Safe-T-Plus Fuse 259 Series
Baseefa
Description
Agency Approvals
Agency
Agency File Number
Ampere Range
Baseefa
Baseef02ATEX0071U
IECEx BAS 10.0098U
62mA - 1A
E10480
500mA, 750mA
Electrical Characteristics for Series
Features
Applications
% of Ampere
Rating
Opening Time
100%
4 Hours, Minimum
200%
5 Seconds, Maximum
and processing
Electrical Specifications by Items
Ampere
Rating
(A)
Amp
Code
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 Sec.)
Nom
Voltage
Drop
(mV)
Agency Approvals
Baseefa
0.062
.062
7.00
0.00016
2.10
x
0.125
.125
1.70
0.0012
1.30
x
0.250
.250
0.67
0.0095
0.83
x
0.375
.375
0.395
0.025
0.81
x
0.500
.500
0.302
0.0598
0.78
x
x
0.750
.750
0.175
0.153
0.23
x
x
1.00
1.00
0.128
0.256
0.24
x
3.00
003
0.275
1.27
0.131
5.00
005
0.0158
4.14
0.110
Revised: April 30, 2012


Similar Part No. - 0259.250M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0259.250 LITTELFUSE-0259.250 Datasheet
90Kb / 1P
   Hazardous Area Fuses
0259.250 LITTELFUSE-0259.250 Datasheet
78Kb / 1P
   High interrupting rating
0259.250 LITTELFUSE-0259.250 Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
More results

Similar Description - 0259.250M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0259-250T LITTELFUSE-0259-250T Datasheet
681Kb / 2P
   Safe-T-Plus Fuse 259 Series
PICO-259-UL913 LITTELFUSE-PICO-259-UL913 Datasheet
651Kb / 2P
   PICO짰 259-UL913 Series Intrinsically Safe Fuse
0259.062MX913 LITTELFUSE-0259.062MX913 Datasheet
397Kb / 2P
   PICO 259-UL913 Series Intrinsically Safe Fuse for Hazardous Locations
259 LITTELFUSE-259 Datasheet
640Kb / 2P
   The Safe-T-Plus 259 Series offers a range of encapsulated fuses designed to enable greater safety for operating electronic equipment within potentially explosive environments
PICO-305 LITTELFUSE-PICO-305 Datasheet
562Kb / 2P
   PICO짰 305 Series - 277V Intrinsically Safe Fuse
LFPXV0001Z LITTELFUSE-LFPXV0001Z Datasheet
351Kb / 2P
   LFPXV TOUCH-SAFE FUSE HOLDERS
Rev: 1-B-072919
LPHV LITTELFUSE-LPHV Datasheet
441Kb / 1P
   LPHV POWR-SAFE FUSE HOLDERS
LPHV0001Z LITTELFUSE-LPHV0001Z Datasheet
183Kb / 1P
   LPHV POWR-SAFE FUSE HOLDERS
Rev: 101521
LPSC0001ZXID LITTELFUSE-LPSC0001ZXID_V01 Datasheet
275Kb / 1P
   LPSC / LPSM POWR-SAFE FUSE HOLDERS
Rev: 083121
LPSM LITTELFUSE-LPSM Datasheet
502Kb / 1P
   LPSC/LPSM POWR-SAFE FUSE HOLDERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com